Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 208 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 208 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 204Page - Renesas Technology Corp UPD17062 Datasheet HTML 205Page - Renesas Technology Corp UPD17062 Datasheet HTML 206Page - Renesas Technology Corp UPD17062 Datasheet HTML 207Page - Renesas Technology Corp UPD17062 Datasheet HTML 208Page - Renesas Technology Corp UPD17062 Datasheet HTML 209Page - Renesas Technology Corp UPD17062 Datasheet HTML 210Page - Renesas Technology Corp UPD17062 Datasheet HTML 211Page - Renesas Technology Corp UPD17062 Datasheet HTML 212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 298 page
background image
206
µPD17062
16.2
CLOCK COUNTER
The clock counter is a wrap around counter that counts the clock of the shift clock pin (P0A1/SCL pin for
CH0, P0A2/SCK pin for CH1) of the currently selected serial interface. The clock counter counts the shift clock
from 1 to 9 repeatedly. The initial value of the counter is 0. The counter is incremented by 1 each time the
clock rising edge is detected. Once the counter has been incremented to 9, the counter is reset to 1, after which
it is again incremented in the same way.
In the following cases, the clock counter is reset to 0.
(1) In two-wire bus mode
(a) At power-on reset
(b) When a STOP instruction is executed and the system is clock stopped
(c) When a start condition is detected
(d) When the serial interface operation mode is switched from two-wire bus mode to serial I/O mode
(2) In serial I/O mode
(a) At power-on reset
(b) When a STOP instruction is executed and the system clock is stopped
(c) When data is written into the wait register
(d) When the serial interface operation mode is switched from serial I/O mode to two-wire bus mode
Whether the contents of the clock counter became 8 or 9 can be tested in the software by the status register.
A request to stop the clock in either transmission mode or reception mode in two-wire bus mode can be
handled by the wait register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com