Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 224 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 224 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 220Page - Renesas Technology Corp UPD17062 Datasheet HTML 221Page - Renesas Technology Corp UPD17062 Datasheet HTML 222Page - Renesas Technology Corp UPD17062 Datasheet HTML 223Page - Renesas Technology Corp UPD17062 Datasheet HTML 224Page - Renesas Technology Corp UPD17062 Datasheet HTML 225Page - Renesas Technology Corp UPD17062 Datasheet HTML 226Page - Renesas Technology Corp UPD17062 Datasheet HTML 227Page - Renesas Technology Corp UPD17062 Datasheet HTML 228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 298 page
background image
222
µPD17062
18.3.2
Programmable Divider (PD) and Data Buffer (DBF)
The programmable divider divides the frequency of an input signal at the VCO pin by the values specified
in the swallow counter and programmable counter.
The swallow and programmable counters consist of a 4- and 12-bit binary downcounter, respectively.
The swallow and programmable counters are loaded with a division value by setting it in the PLL data
register (PLLR, at address 41H) through the data buffer (DBF).
Writing to and reading from the PLL data register are performed with the “PUT PLLR,DBF” and “GET
DBF,PLLR” instructions respectively.
A division value is called an N-value.
The following expression represents the frequency “fN” of a signal generated in the programmable divider
using the value N in the PLL data register (PLLR).
Pulse swallow method
fN =
fin
(where N is 16 bits)
N
See Section 18.7 for how to set the division value (N-value) for each frequency division method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com