Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 225 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 225 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 221Page - Renesas Technology Corp UPD17062 Datasheet HTML 222Page - Renesas Technology Corp UPD17062 Datasheet HTML 223Page - Renesas Technology Corp UPD17062 Datasheet HTML 224Page - Renesas Technology Corp UPD17062 Datasheet HTML 225Page - Renesas Technology Corp UPD17062 Datasheet HTML 226Page - Renesas Technology Corp UPD17062 Datasheet HTML 227Page - Renesas Technology Corp UPD17062 Datasheet HTML 228Page - Renesas Technology Corp UPD17062 Datasheet HTML 229Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 298 page
background image
223
µPD17062
18.4
REFERENCE FREQUENCY GENERATOR (RFG)
18.4.1
Reference Frequency Generator (RFG) Configuration and Functions
Fig. 18-3 shows the configuration of the reference frequency generator.
As shown in Fig. 18-3, the reference frequency generator divides the frequency of the clock oscillator (8
MHz) to generate the reference frequency “fr” for the PLL frequency synthesizer.
The reference frequency fr can be selected from 6.25, 12.5, and 25 kHz.
Selection of the reference frequency fr is performed using the PLL reference mode select register (at address
13H).
Section 18.4.2 describes the configuration and functions of the PLL reference mode select register.
Fig. 18-3
Reference Frequency Generator (RFG) Configuration
13H
b3
b2
b0
b1
P
L
L
R
F
C
K
3
P
L
L
R
F
C
K
2
P
L
L
R
F
C
K
0
P
L
L
R
F
C
K
1
8 MHz
6.25 kHz
12.5 kHz
25 kHz
OFF
Control register
Address
Bit
Flag
symbol
Multiplexer
PLL disable signal
To
-DET
φ
Divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com