Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 228 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 228 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 224Page - Renesas Technology Corp UPD17062 Datasheet HTML 225Page - Renesas Technology Corp UPD17062 Datasheet HTML 226Page - Renesas Technology Corp UPD17062 Datasheet HTML 227Page - Renesas Technology Corp UPD17062 Datasheet HTML 228Page - Renesas Technology Corp UPD17062 Datasheet HTML 229Page - Renesas Technology Corp UPD17062 Datasheet HTML 230Page - Renesas Technology Corp UPD17062 Datasheet HTML 231Page - Renesas Technology Corp UPD17062 Datasheet HTML 232Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 298 page
background image
226
µPD17062
18.5.2
Functions of the Phase Comparator (
φ-DET)
As shown in Fig. 18-5, the phase comparator compares the phase of the output frequency “fN” of the
programmable divider (PD) and the phase of the reference frequency “fr”, and outputs the up request signal
(UP) or down request signal (DW).
If the divider output frequency fN is lower than the reference frequency fr, the phase comparator outputs
an up request. If fN is higher than fr, the phase comparator outputs a down request.
Fig. 18-6 shows the relationship among the reference frequency fr, divider output frequency fN, up request
UP, and down request DW.
In the PLL disable mode, neither up nor down request is output.
The up and down requests are directed to the charge pump and unlock detection block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com