Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 227Page - Renesas Technology Corp UPD17062 Datasheet HTML 228Page - Renesas Technology Corp UPD17062 Datasheet HTML 229Page - Renesas Technology Corp UPD17062 Datasheet HTML 230Page - Renesas Technology Corp UPD17062 Datasheet HTML 231Page - Renesas Technology Corp UPD17062 Datasheet HTML 232Page - Renesas Technology Corp UPD17062 Datasheet HTML 233Page - Renesas Technology Corp UPD17062 Datasheet HTML 234Page - Renesas Technology Corp UPD17062 Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 298 page
background image
229
µPD17062
(1) PLL unlock FF judge register (PLLULJDG)
This register is a read-only register. It is reset when its content is read into a window register (WR) with
a PEEK instruction.
Because the unlock FF is set at intervals of the period (1/fr) of the reference frequency fr, the content of
this register must be read into the window register at intervals larger than the period of the reference
frequency.
Fig. 18-7
Configuration and Functions of the PLL Unlock FF Judge Register (PLLULJDG)
Remark The PLLULJDG is reset when it is read-accessed with a PEEK instruction.
Register
Flag symbol
b3
b2
b1
b0
P
L
L
U
L
22H
R
Address
Read/write
Power-on
Clock stop
CE
00
0
1
Detects the state of the unlock FF.
Unlock FF = 0 : PLL locked
Unlock FF = 1 : PLL unlocked
0
*
0
Fixed to 0.
PLL unlock FF
judge register
(PLLULJDG)
0
0
* Undefined
Hold
Hold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com