Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 233 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 233 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 229Page - Renesas Technology Corp UPD17062 Datasheet HTML 230Page - Renesas Technology Corp UPD17062 Datasheet HTML 231Page - Renesas Technology Corp UPD17062 Datasheet HTML 232Page - Renesas Technology Corp UPD17062 Datasheet HTML 233Page - Renesas Technology Corp UPD17062 Datasheet HTML 234Page - Renesas Technology Corp UPD17062 Datasheet HTML 235Page - Renesas Technology Corp UPD17062 Datasheet HTML 236Page - Renesas Technology Corp UPD17062 Datasheet HTML 237Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 298 page
background image
231
µPD17062
18.6
PLL DISABLE MODE
The PLL frequency synthesizer is disabled when the CE pin is at a low level. It is also disabled when the
PLL reference mode select register (PLRFMODE, at address 13H) selects the PLL disable mode.
Table 18-1 summarizes how each block operates during the PLL disable mode.
Because the PLL reference mode select register is not initialized at a CE reset (its previous state is preserved),
it returns to the previous state after the CE pin goes low (selecting the PLL disable mode) then back to a high.
If it is necessary to select the PLL disable mode at a CE reset, the PLL reference mode select register should
be initialized by program.
The PLL frequency synthesizer is disabled at a power-on reset.
Table 18-1
Operation of Each Block During the PLL Disable Mode
Block
CE pin = low or PLRFMODE = 1111B
VCO pin
Pulled down internally
Programmable counter
Frequency division disabled
Reference frequency generator
Output disabled
Phase comparator
Output disabled
Charge pump
Error output pin floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com