Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 236 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 236 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 232Page - Renesas Technology Corp UPD17062 Datasheet HTML 233Page - Renesas Technology Corp UPD17062 Datasheet HTML 234Page - Renesas Technology Corp UPD17062 Datasheet HTML 235Page - Renesas Technology Corp UPD17062 Datasheet HTML 236Page - Renesas Technology Corp UPD17062 Datasheet HTML 237Page - Renesas Technology Corp UPD17062 Datasheet HTML 238Page - Renesas Technology Corp UPD17062 Datasheet HTML 239Page - Renesas Technology Corp UPD17062 Datasheet HTML 240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 298 page
background image
234
µPD17062
19.2
D/A CONVERTER CONFIGURATION
The D/A converter used in the A/D converter of the
µPD17062 is a resistor string D/A converter consisting
of 16 resistors connected in series between the VDD and GND pins in which a voltage at each resistor connection
point is selected. The configuration of the D/A converter is shown in Fig. 19-2.
Fig. 19-2
D/A Converter Configuration
With the configuration shown above, the D/A converter outputs a ground level when the ADCR is set with
value 0000B. It also outputs 1/32
× VDD when the ADCR is set with 0001B. The following expression represents
the reference voltage VREF that the D/A converter outputs when the ADCR is set with value n (decimal).
VREF = VDD
×
2n – 1
(where 15
≥ n ≥ 1)
32
Table 19-1
D/A Converter Reference Voltage
ADCR
4
01
2
13
14
15
Selector
1/2R
R
R
R
R
R
3/2R
VDD
D/A output
(reference voltage)
Set data (ADCR)
Reference voltage (VREF)
Hexadecimal
Binary
× VDD
VDD = 5 V
0
0000
0
0 [V]
1
0001
1/32
0.15625
2
0010
3/32
0.46875
3
0011
5/32
0.78125
4
0100
7/32
1.09375
5
0101
9/32
1.40625
6
0110
11/32
1.71875
7
0111
13/32
2.03125
8
1000
15/32
2.34375
9
1001
17/32
2.65625
A
1010
19/32
2.96875
B
1011
21/32
3.28125
C
1100
23/32
3.59375
D
1101
25/32
3.90625
E
1110
27/32
4.21875
F
1111
29/32
4.53125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com