Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 237 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 233Page - Renesas Technology Corp UPD17062 Datasheet HTML 234Page - Renesas Technology Corp UPD17062 Datasheet HTML 235Page - Renesas Technology Corp UPD17062 Datasheet HTML 236Page - Renesas Technology Corp UPD17062 Datasheet HTML 237Page - Renesas Technology Corp UPD17062 Datasheet HTML 238Page - Renesas Technology Corp UPD17062 Datasheet HTML 239Page - Renesas Technology Corp UPD17062 Datasheet HTML 240Page - Renesas Technology Corp UPD17062 Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 298 page
background image
235
µPD17062
19.3
REFERENCE VOLTAGE SETTING REGISTER (ADCR)
The ADCR is a 4-bit register to specify a reference voltage for the A/D converter. It is mapped at peripheral
address 02H. Data is written to and read from the ADCR register through the data buffer using the “PUT”
and “GET” instructions respectively. The data transfer between the ADCR and DBF is performed in 8-bit units
although the ADCR is a 4-bit register. In other words, 8-bit data is transferred through the DBF1 (0EH) and
DBF0 (0FH). To be specific, when the “GET DBF, ADCR” instruction is executed to read from the ADCR register,
the content of the ADCR is sent to the DBF0 and 0000B is sent to the DBF1. Similarly, when the “PUT ADCR,
DBF” instruction is executed, the data in the DBF0 is sent to the ADCR; the DBF1 may contain any data.
The ADCR is undefined at power-on. At a clock stop and CE reset, it retains the previous data.
19.4
COMPARISON REGISTER (ADCCMP)
The ADCCMP is a register that holds the output of a comparator which compares an input voltage at the
ADC pin with the reference voltage (VREF). It is mapped at bit b0 (LSB) of the register file at address 21H. The
ADCCMP is a 1-bit read-only register; it cannot be written to. The PEEK instruction is executed to read data
from the ADCCMP into a window register. At this point, the ADC pin select data is also read into the upper
3 bits of the window register.
The window register will receive the ADCCMP content as follows:
ADCCMP = 0 when input voltage < reference voltage
ADCCMP = 1 when input voltage
≥ reference voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com