Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 13Page - Advanced Micro Devices ELANSC310 Datasheet HTML 14Page - Advanced Micro Devices ELANSC310 Datasheet HTML 15Page - Advanced Micro Devices ELANSC310 Datasheet HTML 16Page - Advanced Micro Devices ELANSC310 Datasheet HTML 17Page - Advanced Micro Devices ELANSC310 Datasheet HTML 18Page - Advanced Micro Devices ELANSC310 Datasheet HTML 19Page - Advanced Micro Devices ELANSC310 Datasheet HTML 20Page - Advanced Micro Devices ELANSC310 Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 119 page
background image
Élan™SC310 Microcontroller Data Sheet
17
PREL IMINARY
Signal Name
Pin No.
Function
Pin State
Table No.
Description
Page No.
INIT
89
Parallel port interface
4
33
IOCHCHK
177
Maximum ISA bus interface
2
36
IOCHRDY
192
System interface
2
31
IOCS16
196
System interface
2
31
IOR
54
System interface
2
31
IORESET
140
Reset and power
8
37
IOW
55
System interface
2
31
IRQ1
195
System and maximum ISA bus interface
2
32, 36
(IRQ10) PULLUP
179
Maximum ISA bus interface
7
36
(IRQ11) BLE
167
Maximum ISA bus interface
7
36
IRQ12
181
System interface
2
36
IRQ14
198
System and maximum ISA bus interface
2
32, 36
IRQ15
182
System interface
2
36
(IRQ3) PIRQ0
194
System interface
2
36
IRQ4
173
System interface
2
36
(IRQ5) PULLDN
178
Maximum ISA bus interface
7
36
(IRQ6) PIRQ1
193
Maximum ISA bus interface
2
36
(IRQ7) PULLUP
164
Maximum ISA bus interface
7
36
(IRQ9) BHE
168
Maximum ISA bus interface
7
36
JTAGEN
199
JTAG boundary scan interface
8
37
(LA17) A17
155
Maximum ISA bus interface
7
36
(LA18) A18
154
Maximum ISA bus interface
7
36
(LA19) A19
153
Maximum ISA bus interface
7
36
(LA20) A20
152
Maximum ISA bus interface
7
36
(LA21) A21
151
Maximum ISA bus interface
7
36
(LA22) A22
150
Maximum ISA bus interface
7
36
(LA23) A23
149
Maximum ISA bus interface
7
36
LDEV (RSVD)
148
Local bus interface
7
35
LF1
204
Miscellaneous interface
8
35
LF2
205
Miscellaneous interface
8
35
LF3
206
Miscellaneous interface
8
35
LF4
207
Miscellaneous interface
8
35
(LMEG) CPURDY
147
Maximum ISA bus interface
7
36
LPH
190
Power management interface
6
34
LRDY (DRQ6)
166
Local bus interface
7
36
M/IO (DRQ3)
170
Local bus interface
7
36
MA0/SA14
24
Memory bus interface
1
30
MA1/SA15
21
Memory bus interface
1
30
MA10/SA13
10
Memory bus interface
1
30
MA11/SA12
60
Memory bus interface
1
30
MA2/SA16
19
Memory bus interface
1
30
MA3/SA17
18
Memory bus interface
1
30
MA4/SA18
17
Memory bus interface
1
30
MA5/SA19
16
Memory bus interface
1
30
PIN DESIGNATIONS (SORTED BY PIN NAME) (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com