Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 41 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 41 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 37Page - Advanced Micro Devices ELANSC310 Datasheet HTML 38Page - Advanced Micro Devices ELANSC310 Datasheet HTML 39Page - Advanced Micro Devices ELANSC310 Datasheet HTML 40Page - Advanced Micro Devices ELANSC310 Datasheet HTML 41Page - Advanced Micro Devices ELANSC310 Datasheet HTML 42Page - Advanced Micro Devices ELANSC310 Datasheet HTML 43Page - Advanced Micro Devices ELANSC310 Datasheet HTML 44Page - Advanced Micro Devices ELANSC310 Datasheet HTML 45Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 119 page
background image
Élan™SC310 Microcontroller Data Sheet
41
PREL IMINARY
SRAM
When using SRAM instead of DRAM for main memory,
up to 16 Mbyte can be accessed, the SRAM being or-
ganized as one or two banks. Each bank is 16 bits wide
and is provided with a low and high byte select.
An SRAM memory interface is selected by setting bit 0
of the Miscellaneous 6 Register, Index 70h. If this is
done, CAS1H, CAS1L, CAS0H, and CAS0L will have
their alternate function as SRAM chip select pins 3–0
(SRCS3–SRCS0). Table 17 shows the key SRAM ac-
cess pins.
See Table 14 on page 39 for bank size settings.
The MS2–MS0 bits in the Memory Configuration Reg-
ister, Index 66h, are also used to program the total
SRAM size. Bit 7 of Index Register B4h must be
cleared for SRAM configurations. Table contains infor-
mation about SRAM wait state logic, and Table 28 on
page 61 contains SRAM interface alternate pin infor-
mation.
The PMU Modes and Clock Generators
The Power Management Unit (PMU) monitors all sys-
tem activities (e.g., keyboard, screen, and disk events),
and, based on the state of the system, determines in
which operating mode the system should be running.
The PMU supports six operating modes, each defined
by a different combination of CPU and peripheral oper-
ation, as shown in the list that follows.
1. High-Speed PLL. All clocks are at their fastest
speed and all peripherals are powered up. This is
the mode the system enters when activity is de-
tected by the PMU.
2. Low-Speed PLL. The internal CPU clock is re-
duced to a maximum of 4.608 MHz. All other clocks
and peripherals operate at full speed. This is the
first level of power conservation; it is entered after a
specified elapsed time with no activity.
3. Doze. The second level of power conservation. The
CPU, system, and DMA clocks are stopped. The
high-speed PLL is turned off. This mode is entered
after a specified elapsed time with no activity.
4. Sleep. Additional clocks and peripherals are
stopped after additional inactivity has been de-
tected. The exact parameters can be programmed.
The Low-Speed PLL can be left on, so a quick star-
tup is possible.
5. Suspend. Virtually all of the system is shut down,
including all clocks, the 8254 timer, and the Phase
Locked Loops (a programmable recovery time is
associated with this mode). The 32.768 kHz clock
input is still running.
6. Off. This level is virtually the same as Suspend
mode. Two outputs can be programmed to change
state when the transition from Suspend mode to Off
mode occurs. DRAM refresh can be disabled in
OFF mode.
In addition, the ÉlanSC310 microcontroller can man-
age the power consumption of peripheral devices. This
control can be forced upon entering a specific operat-
ing mode or it can be handled directly by firmware. The
ÉlanSC310 microcontroller PMU controls five power
Table 17.
SRAM Access Pins
Pin Name
I/O
Function
SRCS0
O
SRAM Bank 0 Low Byte Select
SRCS1
O
SRAM Bank 0 High Byte Select
SRCS2
O
SRAM Bank 1 Low Byte Select
SRCS3
O
SRAM Bank 1 High Byte Select
SA23–SA1
O
Address (16-Mbyte maximum)
MWE
0
Write enable
Table 18.
SRAM Wait State Select Logic
Configuration
Number of Wait States
SRAM Speed
Index 63h
Bit 4
Index 66h
Bits 1 and 0
Read
Write
20 MHz
25 MHz
33 MHz
x
0 0
0
1
45ns
35ns
25ns
0
0 1
1
1
80ns
55ns
35ns
1
0 1
2
2
120 ns
100 ns
70 ns
Notes:
Refer to Index 70h, bit 0, in the ÉlanTMSC310 Microcontroller Programmer’s Reference Manual, order #20665 for information
on how to select SRAM versus DRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com