Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 66 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 66 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 62Page - Advanced Micro Devices ELANSC310 Datasheet HTML 63Page - Advanced Micro Devices ELANSC310 Datasheet HTML 64Page - Advanced Micro Devices ELANSC310 Datasheet HTML 65Page - Advanced Micro Devices ELANSC310 Datasheet HTML 66Page - Advanced Micro Devices ELANSC310 Datasheet HTML 67Page - Advanced Micro Devices ELANSC310 Datasheet HTML 68Page - Advanced Micro Devices ELANSC310 Datasheet HTML 69Page - Advanced Micro Devices ELANSC310 Datasheet HTML 70Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 119 page
background image
66
Élan™SC310 Microcontroller Data Sheet
PREL IMINARY
124
RSVD
44
output
125
RSVD
45
output
126
RSVD
46
output
127
RSVD
47
output
129
RSVD
48
output
130
RSVD
49
output
131
RSVD
50
output
132
RSVD
51
output
133
RSVD
52
output
134
RSVD
53
output
136
RSVD
54
output
137
PMC0
55
output
138
PMC1
56
output
139
SPKR
57
output
140
IORESET
58
input
141
RESIN
59
input
143
SBHE
60
output
144
DACK5
61
output
145
A12
62
output
146
DACK1
63
output
147
CPURDY
64
output
148
LDEV
65
bidir
149
A23
66
output
150
A22
67
output
151
A21
68
output
152
A20
69
output
153
A19
70
output
154
A18
71
output
155
A17
72
output
*
*
73
control
Control cell for pins 158–200
158
A16
74
output
159
A15
75
output
160
A14
76
output
161
A13
77
output
162
CPUCLK
78
output
163
CPURST
79
output
164
PULLUP
80
bidir
165
RSVD
81
output
166
LRDY
82
bidir
167
BLE
83
bidir
168
BHE
84
bidir
169
W/R
85
bidir
170
M/IO
86
bidir
Table 35.
Boundary Scan (JTAG) Cells—Order and Type (Continued)
Pin No.
Name
Cell
Position
Cell Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com