Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 23Page - Advanced Micro Devices ELANSC310 Datasheet HTML 24Page - Advanced Micro Devices ELANSC310 Datasheet HTML 25Page - Advanced Micro Devices ELANSC310 Datasheet HTML 26Page - Advanced Micro Devices ELANSC310 Datasheet HTML 27Page - Advanced Micro Devices ELANSC310 Datasheet HTML 28Page - Advanced Micro Devices ELANSC310 Datasheet HTML 29Page - Advanced Micro Devices ELANSC310 Datasheet HTML 30Page - Advanced Micro Devices ELANSC310 Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 119 page
background image
Élan™SC310 Microcontroller Data Sheet
27
PREL IMINARY
Notes:
1. LS in the Clock Off column stands for Last State.
2. Reset State Local Bus signal loading 920 mV–0 V. For 33-MHz operation, CPUCLK loading = 30 pF.
All inputs that have VCC clamp = 5 V are 5-V safe inputs regardless of their VCCIO.
Signal Name
Pin No.
I/O
Type
Term
Drive
Type
Clock
Off
Reset State
(volts)
VCCIO
VCC
Clamp
Spec.
Load
(pF)
Local
Bus
Max
ISA
A20 (LA20)
152
O
—
C
0
3.3
5.0
VSYS2
VCC5
50
A19 (LA19)
153
O
—
C
0
3.3
5.0
VSYS2
VCC5
50
A18 (LA18)
154
O
—
C
0
3.3
5.0
VSYS2
VCC5
50
A17 (LA17)
155
O
—
C
0
3.3
5.0
VSYS2
VCC5
50
A16 (DACK0)
158
O
—
C
(0/1)
3.3
5.0
VSYS2
VCC5
50
A15 (DACK3)
159
O
—
C
(0/1)
3.3
5.0
VSYS2
VCC5
50
A14 (DACK7)
160
O
—
C
(0/1)
3.3
5.0
VSYS2
VCC5
50
A13 (DACK6)
161
O
—
C
(0/1)
3.3
5.0
VSYS2
VCC5
50
CPUCLK (PULLUP)2
162
O
—
E
0
3.3/0
3.3
VCC1
VCC5
50
(30)
CPURST (RSVD)
163
O
—
C
0
3.3
0.0
VCC1
VCC5
50
PULLUP (IRQ7)
164
I
—
C
—
3.3
3.3
VCC1
VCC5
50
RSVD (PULLUP)
165
(0/I)
—
C
(0/–)
3.3
3.3
VCC1
VCC5
50
PULLUP
183
I
—
B
—
3.3
3.3
VCC1
VCC5
30
CPURDY (LMEG)
147
O
—
B
1
0.0
0.0
VSYS2
VCC5
50
PULLDN (IRQ5)
178
I
—
C
—
0.0
3.3
VCC1
VCC5
100
PULLUP (IRQ10)
179
I
—
C
—
0.0
3.3
VCC1
VCC5
100
A12 (BALE)
145
O
—
E
(0/1)
3.3
5.0
VSYS2
VCC5
50
Table 8.
Local Bus Interface (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com