Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 98 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 98 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 94Page - Advanced Micro Devices ELANSC310 Datasheet HTML 95Page - Advanced Micro Devices ELANSC310 Datasheet HTML 96Page - Advanced Micro Devices ELANSC310 Datasheet HTML 97Page - Advanced Micro Devices ELANSC310 Datasheet HTML 98Page - Advanced Micro Devices ELANSC310 Datasheet HTML 99Page - Advanced Micro Devices ELANSC310 Datasheet HTML 100Page - Advanced Micro Devices ELANSC310 Datasheet HTML 101Page - Advanced Micro Devices ELANSC310 Datasheet HTML 102Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 119 page
background image
98
Élan™SC310 Microcontroller Data Sheet
PREL IMINARY
Table 51.
Local Bus Interface (See Figure 40)
Symbol
Parameter Description
Notes
Preliminary
Unit
Min
Max
t1
CPUCLK period
14
ns
t2
CPUCLK pulse width Low
7
ns
t3
CPUCLK pulse width High
7
ns
t4
ADS delay from CPUCLK
3
15
ns
t5
A[23–1] BLE, BHE, W/R,D/C, M/IO delay from CPUCLK
5
23
ns
t6a
LDEV valid from address or control (non-zero wait state)
2
20
ns
t6b
LDEV valid from address or control (zero wait state)
2
18
ns
t7
LRDY valid from CPUCLK
2
12
ns
t8
LRDY high impedance from CPUCLK
0
5
ns
t9
CPURDY delay from CPUCLK
5
26
ns
t10
CPURDY high impedance from CPUCLK
0
5
ns
t11
D15–D0 setup to CPUCLK (Read)
7
ns
t12
D15–D0 hold from CPUCLK (Read)
0
0
ns
t13
D15–D0 valid from CPUCLK (Write)
5
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com