Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 12Page - Advanced Micro Devices ELANSC310 Datasheet HTML 13Page - Advanced Micro Devices ELANSC310 Datasheet HTML 14Page - Advanced Micro Devices ELANSC310 Datasheet HTML 15Page - Advanced Micro Devices ELANSC310 Datasheet HTML 16Page - Advanced Micro Devices ELANSC310 Datasheet HTML 17Page - Advanced Micro Devices ELANSC310 Datasheet HTML 18Page - Advanced Micro Devices ELANSC310 Datasheet HTML 19Page - Advanced Micro Devices ELANSC310 Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 119 page
background image
16
Élan™SC310 Microcontroller Data Sheet
PREL IMINARY
Signal Name
Pin No.
Function
Pin State
Table No.
Description
Page No.
D1
41
System interface
2
31
D10
30
System interface
2
31
D11
29
System interface
2
31
D12
28
System interface
2
31
D13
27
System interface
2
31
D14
26
System interface
2
31
D15
25
System interface
2
31
D2
40
System interface
2
31
D3
39
System interface
2
31
D4
38
System interface
2
31
D5
37
System interface
2
31
D6
36
System interface
2
31
D7
34
System interface
2
31
D8
32
System interface
2
31
D9
31
System interface
2
31
(DACK0) A16
158
Maximum ISA bus interface
7
36
DACK1 (DACK1)
146
Local and maximum ISA bus interface
2
36
DACK2 [TCK]
46
Local and maximum ISA bus interface
2
31, 36
(DACK3) A15
159
Maximum ISA bus interface
7
36
DACK5
144
Maximum ISA bus interface
2
36
(DACK6) A13
161
Maximum ISA bus interface
7
36
(DACK7) A14
160
Maximum ISA interface
7
36
DBUFOE
59
System interface
2
31
D/C (DRQ0)
171
Local bus interface
2
35
DCD
98
Serial port interface
5
33
DOSCS
43
Memory bus interface
1
30
(DRQ0) D/C
171
Maximum ISA bus interface
7
36
DRQ1
174
Local and Maximum ISA bus interface
2
36
DRQ2 [TDO]
76
Local and Maximum ISA interface
2
31, 36
(DRQ3) M/IO
170
Maximum ISA bus interface
7
36
DRQ5
175
Local and Maximum ISA bus interface
2
36
(DRQ6) LRDY
166
Maximum ISA bus interface
7
36
(DRQ7) W/R
169
Maximum ISA bus interface
36
DSR
97
Serial port interface
5
33
DTR/CFG1
92
Serial port interface
5
34
ENDIRH
51
System interface
2
31
ENDIRL
50
System interface
2
31
ERROR
86
Parallel port interface
4
33
EXTSMI
102
Power management interface
6
34
GND
1, 12, 20,
33, 52, 53,
68, 104,
105, 121,
156, 157,
191
Power
9
37
PIN DESIGNATIONS (SORTED BY PIN NAME) (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com