Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 100 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 100 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 96Page - Advanced Micro Devices ELANSC310 Datasheet HTML 97Page - Advanced Micro Devices ELANSC310 Datasheet HTML 98Page - Advanced Micro Devices ELANSC310 Datasheet HTML 99Page - Advanced Micro Devices ELANSC310 Datasheet HTML 100Page - Advanced Micro Devices ELANSC310 Datasheet HTML 101Page - Advanced Micro Devices ELANSC310 Datasheet HTML 102Page - Advanced Micro Devices ELANSC310 Datasheet HTML 103Page - Advanced Micro Devices ELANSC310 Datasheet HTML 104Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 119 page
background image
100
Élan™SC310 Microcontroller Data Sheet
PREL IMINARY
Notes:
Fast ROM cycles, see the ÉlanTMSC300 and ÉlanTMSC310 Devices’ ISA Bus Anomalies Application Note, order #20747.
1. This is the timing when ROMCS is qualified with MEMR or MEMW, (Bit 2 of the Miscellaneous 5 Register, Index B3h, = 0).
2. This is the timing when ROMCS is configured as an address decode, (Bit 2 of the Miscellaneous 5 Register, Index B3h, = 1).
These timings are based on default wait state settings, set for 3 wait states in bits 4 and 7 of the Command Delay Register, Index
60h, and required initial programming. These timings may be modified via the MMS Memory Wait State 1 Register, Index 62H,
and the Command Delay Register, Index 60H. (See the ÉlanTMSC310 Microcontroller Programmer’s Reference Manual, order
#20665.
)
For Fast ROMCS (BIOS ROM) accesses, set bit 6 of Miscellaneous 5 Register, Index B3h. Bits 4 and 5 control wait states when
Fast ROMCS is enabled. For 16-bit Fast ROMCS timings with the default wait state settings of 4 wait states, see Table 54. For
more information about
Table 52.
BIOS ROM Read/Write 8 Bit Cycle (See Figure 41)
Symbol
Parameter Description
Notes
Preliminary
Units
Min
Max
t1a
SA stable to ROMCS active
1
55
ns
t1b
SA stable to ROMCS active
2
5
ns
t2a
SA hold from ROMCS inactive (write)
1
50
ns
t2b
SA hold from ROMCS inactive (read)
1
0
ns
t3a
ROMCS pulse width (read)
1
390
ns
t3b
ROMCS pulse width (write)
1
335
ns
t4a
MEMW active to ROMCS active
1
2
ns
t4b
MEMR active to ROMCS active
1
1
ns
t5a
ROMCS hold from MEMW inactive
1
0
ns
t5b
ROMCS hold from MEMR inactive
1
0
ns
t6
RDDATA setup to command inactive
40
ns
t7
RDDATA hold from command inactive
0
ns
t8
WRDATA setup to command inactive
200
ns
t9
WRDATA hold from command inactive
50
ns
t10
DBUFOE active from command
5
ns
t11a
DBUFOE hold from MEMW
50
ns
t11b
DBUFOE hold from MEMR
–2
ns
t12
ENDIRH, ENDIRL setup before MEMR
50
ns
t13
ENDIRH, ENDIRL hold from MEMR
–4
ns
t14
ROMCS active to command active
2
65
ns
t15
ROMCS hold from SA
2
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com