Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 4 Page - Advanced Micro Devices

  ELANSC310 Datasheet HTML 1Page - Advanced Micro Devices ELANSC310 Datasheet HTML 2Page - Advanced Micro Devices ELANSC310 Datasheet HTML 3Page - Advanced Micro Devices ELANSC310 Datasheet HTML 4Page - Advanced Micro Devices ELANSC310 Datasheet HTML 5Page - Advanced Micro Devices ELANSC310 Datasheet HTML 6Page - Advanced Micro Devices ELANSC310 Datasheet HTML 7Page - Advanced Micro Devices ELANSC310 Datasheet HTML 8Page - Advanced Micro Devices ELANSC310 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 119 page
background image
4
Élan™SC310 Microcontroller Data Sheet
PREL IMINARY
ORDERING INFORMATION
AMD standard products are available in several packages and operating ranges. The order numbers (Valid Combi-
nations) are formed by a combination of the elements below.
Valid Combinations
ELANSC310–25
ELANSC310–33
KC
KC
ELANSC310–25
KI
ELANSC310–33
KI
ELANSC310–25
VC
ELANSC310–33
VC
K
Valid Combinations
Valid Combinations list configurations planned to
be supported in volume for this device. Consult
the local AMD sales office to confirm availability
of specific valid combinations and to check on
newly released combinations.
ÉLANSC310
SPEED OPTION
–25 = 25 MHz
–33 = 33 MHz
PACKAGE TYPE
K = 208-lead QFP (Plastic Shrink Quad Flat Pack) (PQR-208)
V = 208-lead TQFP (Thin Quad Flat Pack) (PQL-208)
DEVICE NUMBER/DESCRIPTION
ÉlanSC310 microcontroller highly integrated,
low-power, 32-bit microprocessor and system
logic
–25
C
TEMPERATURE RANGE
C = Commercial (0
°C ≤ T
AMBIENT ≤ 70°C)
I = Industrial (–40
°C < T
CASE ≤ 85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com