Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 54 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 54 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 50Page - Advanced Micro Devices ELANSC310 Datasheet HTML 51Page - Advanced Micro Devices ELANSC310 Datasheet HTML 52Page - Advanced Micro Devices ELANSC310 Datasheet HTML 53Page - Advanced Micro Devices ELANSC310 Datasheet HTML 54Page - Advanced Micro Devices ELANSC310 Datasheet HTML 55Page - Advanced Micro Devices ELANSC310 Datasheet HTML 56Page - Advanced Micro Devices ELANSC310 Datasheet HTML 57Page - Advanced Micro Devices ELANSC310 Datasheet HTML 58Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 119 page
background image
54
Élan™SC310 Microcontroller Data Sheet
PREL IMINARY
ister at I/O address 070h. The default value for the NMI
enable bit is 1, which inhibits NMI generation. The NMI
enable bit (7) is a write-only bit, and is active Low. The
remaining bits of the register located at 070h (6–0) con-
trol the RTC function. Because the RTC portion of this
register is only 7 bits wide and is also write only, there
is no conflict between the two functions. This register is
discussed in more detail in the RTC section of Chapter
3 in the
ÉlanSC310 Microcontroller Programmer’s Ref-
erence Manual, order #20665.
Speaker Interface
The PC/AT standard tone generation interface for the
system speaker is implemented in the ÉlanSC310 mi-
crocontroller. There are two data paths to the
SPEAKER pin of the device. The first path is driven by
the output Channel 2 of the internal 82C54 counter/
timer. The counter/timer can be programmed in various
ways to generate a waveform at the output, OUT2.
Also, the gate input of timer Channel 2 is controlled by
the T2G bit in Port B. The timer gate can be used to in-
hibit tone generation by the timer channel. The second
path is driven directly by the SPK bit in port B. This bit
can be manipulated by the CPU to generate almost any
digital waveform at the SPEAKER pin.
Fast A20 Address Control
With the ÉlanSC310 microcontroller, full Real mode ad-
dress compatibility requires that address rollover at the
1-Mbyte address boundary be handled the same way
as the early 8088-based PCs were handled. This re-
quires the system address line 20 to have the capability
of being forced to 0 during Real mode execution. Con-
trol of the A20 line is supported from multiple sources.
The A20G signal in PC/AT systems is normally con-
nected to an output of the PC/AT keyboard controller. A
logic High on this input forces the pass through of the
CPU’s A20 onto the internal system address bus. A
logic Low on this input forces the system address bus
A20 line Low, as long as the internal A20 gate control
is not being utilized.
The ÉlanSC310 microcontroller provides a high-perfor-
mance method for controlling the system A20 line, in-
dependent of the relatively slow PC/AT keyboard
controller. This internal A20 gate control is generated
by the Miscellaneous 1 Register, Index 6Fh, and Port
92h.
For more information about A20 gate control, see the
ÉlanTMSC300 and ÉlanSC310 Microcontrollers
GATEA20 Function Clarification Application Note,
order #21811.
Reset Control
An external hardware reset is required in order to cor-
rectly initialize internal logic after system power-up.
See the required timings in Table 45 on page 88. Sys-
tem power supplies typically have a POWERGOOD
output signal that is used as an active Low asynchro-
nous reset input for the device. IORESET is intended
to be driven by a POWERGOOD-compatible signal.
When IORESET is driven Low, the ÉlanSC310 micro-
controller resets all of its internal logic with the excep-
tion of the RTC Valid Data/Time bit (Register D, RTC
Index 0Dh, bit 7) and some internal register configura-
tion bits. The RESIN input is intended to be driven by a
signal that indicates that the battery back-up source
has been disconnected. When RESIN is driven Low,
the ÉlanSC310 microcontroller resets all of its internal
logic. The RESIN input buffer is a Schmitt trigger for tol-
erance of slow rise and fall times on the signal. RESIN
and IORESET are internally synchronized to the CPU
clock to provide the internal hardware reset.
For more information, see Table 23 on page 50 and
“Micro Power Off Mode” on page 46.
Besides the device hardware reset, the internal CPU
has several other possible reset sources. These other
sources only generate CPU reset.
In a standard PC/AT-type system, an RC (CPU Reset)
pin is typically connected to an output of the 8042 key-
board controller.
Also, an internal configuration register can be used to
reset the CPU in less time than that required by the ex-
ternal keyboard controller. The internal reset is con-
trolled by the Miscellaneous 1 Register, Index 6Fh, and
Port 92h.
The ÉlanSC310 microcontroller provides both of the
CPU reset functions described above and also triggers
a CPU reset upon processor shutdown. If the CPU
reaches a state where it cannot continue to execute be-
cause of faults and error conditions, it will issue a status
code indicating shutdown, and the CPU will halt opera-
tion with no means of continuing except for a reset. If
this shutdown status is detected, a 16 clock minimum
pulse width reset is automatically sent to the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com