Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 11Page - Advanced Micro Devices ELANSC310 Datasheet HTML 12Page - Advanced Micro Devices ELANSC310 Datasheet HTML 13Page - Advanced Micro Devices ELANSC310 Datasheet HTML 14Page - Advanced Micro Devices ELANSC310 Datasheet HTML 15Page - Advanced Micro Devices ELANSC310 Datasheet HTML 16Page - Advanced Micro Devices ELANSC310 Datasheet HTML 17Page - Advanced Micro Devices ELANSC310 Datasheet HTML 18Page - Advanced Micro Devices ELANSC310 Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 119 page
background image
Élan™SC310 Microcontroller Data Sheet
15
PREL IMINARY
PIN DESIGNATIONS (SORTED BY PIN NAME)
Signal Name
Pin No.
Function
Pin State
Table No.
Description
Page No.
(0WS) ADS
172
Maximum ISA bus interface
7
36
8042CS [XTDAT]
75
Keyboard interface
3
32
A12 (BALE)
145
Local bus interface
7
36
A13 (DACK6)
161
Local bus interface
7
36
A14 (DACK7)
160
Local bus interface
7
36
A15 (DACK3)
159
Local bus interface
7
36
A16 (DACK0)
158
Local bus interface
7
36
A17 (LA17)
155
Local bus interface
7
36
A18 (LA18)
154
Local bus interface
7
36
A19 (LA19)
153
Local bus interface
7
36
A20 (LA20)
152
Local bus interface
7
36
A20GATE
79
Keyboard interface
3
33
A21 (LA21)
151
Local bus interface
7
36
A22 (LA22)
150
Local bus interface
7
36
A23 (LA23)
149
Local bus interface
7
36
ACIN
101
Power management interface
6
34
ACK
88
Parallel port interface
4
33
ADS (0WS)
172
Local bus interface
7
35
AEN [TDI]
47
System interface
2
31
AFDT [X14OUT]
80
Parallel port interface
4
33
AGND
208
Power
9
37
AVCC
203
Power
9
37
(BALE) A12
145
Maximum ISA bus interface
7
36
[BAUD_OUT] X1OUT
200
Miscellaneous interface
8
35
BHE (IRQ9)
168
Local bus interface
7
35
BL1
106
Power management interface
6
34
BL2
107
Power management interface
6
34
BL3
108
Power management interface
6
34
BL4
109
Power management interface
6
34
BLE (IRQ11)
167
Local bus interface
7
35
BUSY
85
Parallel port interface
4
33
CAS0H [SRCS1]
7
Memory bus interface
1
30
CAS0L [SRCS0]
6
Memory bus interface
1
30
CAS1H [SRCS3]
5
Memory bus interface
1
30
CAS1L [SRCS2]
4
Memory bus interface
1
30
CFG0/RTS
93
Serial port interface
5
34
CFG/DTR
92
Serial port interface
5
34
CPUCLK (PULLUP)
162
Local bus interface
7
35
CPURDY (LMEG)
147
Local bus interface
7
35
CPURST (RSVD)
163
Local bus interface
7
35
CTS
96
Serial port interface
5
33
D/C (DRQ0)
171
Maximum ISA bus interface
7
35
D0
42
System interface
2
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com