Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 62 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 62 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 58Page - Advanced Micro Devices ELANSC310 Datasheet HTML 59Page - Advanced Micro Devices ELANSC310 Datasheet HTML 60Page - Advanced Micro Devices ELANSC310 Datasheet HTML 61Page - Advanced Micro Devices ELANSC310 Datasheet HTML 62Page - Advanced Micro Devices ELANSC310 Datasheet HTML 63Page - Advanced Micro Devices ELANSC310 Datasheet HTML 64Page - Advanced Micro Devices ELANSC310 Datasheet HTML 65Page - Advanced Micro Devices ELANSC310 Datasheet HTML 66Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 119 page
background image
62
Élan™SC310 Microcontroller Data Sheet
PREL IMINARY
PC/XT Keyboard
The PC/XT keyboard functionality is enabled via bit 3 of PMU Control 3 Register, Index ADh.
14-MHz Clock Source
Setting bit 3 of Miscellaneous 3 Register, Index BAh, enables the 14.336 MHz clock signal on the parallel port pin
AFDT.
Table 32.
14-MHz Clock Source
Table 31.
XT Keyboard Pin Description
PC/XT Keyboard Pin
Name
Pin Type
PC/XT Keyboard Pin
Description/Notes
Default Pin
Name/Function
Pin No.
[XTDAT]
I/O
Keyboard data
8042CS
75
[XTCLK]
I/O
Keyboard clock
SYSCLK
45
14-MHz
Pin Name
Pin Type
14-MHz Clock Pin
Description/Notes
Default Pin
Name/Function
Pin No.
[X14OUT]
O
14.336-MHz Clock
AFDT
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com