Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 71 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 71 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 67Page - Advanced Micro Devices ELANSC310 Datasheet HTML 68Page - Advanced Micro Devices ELANSC310 Datasheet HTML 69Page - Advanced Micro Devices ELANSC310 Datasheet HTML 70Page - Advanced Micro Devices ELANSC310 Datasheet HTML 71Page - Advanced Micro Devices ELANSC310 Datasheet HTML 72Page - Advanced Micro Devices ELANSC310 Datasheet HTML 73Page - Advanced Micro Devices ELANSC310 Datasheet HTML 74Page - Advanced Micro Devices ELANSC310 Datasheet HTML 75Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 119 page
background image
Élan™SC310 Microcontroller Data Sheet
71
PREL IMINARY
Table 38.
DC Characteristics over Commercial and Industrial Operating Ranges
(Plastic Shrink Quad Flat Pack (QFP), 33 MHz, 5 V)
VCCIO = 4.5 V – 5.5 V; TAMBIENT = 0°C to +70°C (commercial); TCASE = -40° to +85°C (industrial)
Notes:
1. Current out of a pin is given as a negative value.
2. VCC, VCC1, AVCC = 3.3 V and VCC5, VCCSYS, VCCSYS2 = 5 V.
3. Fc = 1 MHz
Table 39.
Commercial and Industrial Operating Voltage ranges at 25°C
Notes:
1.VCC and AVCC are 3.3 V only.
Symbol
Parameter Description
Preliminary
Unit
Min
Typ
Max
fosc
Frequency of Operation (internal CPU clock)
0
33
MHz
PCC
(2)
Supply Power—CPU clock = 33 MHz (VCCMEM=5 V)
660
862
mW
PCCSB
(2)
Suspend Power—CPU idle, all internal clocks stopped except
32.768 kHz
0.17
mW
VOH(CMOS)
Output High Voltage
IOH(CMOS) = – 0.5 mA VCC–0.45
V
VOL(CMOS)
Output Low Voltage
IOL(CMOS) = 0.5 mA
0.45
V
VIH(CMOS)
Input High Voltage
2.0
VCC+0.3
V
VIL(CMOS)
Input Low Voltage
–0.3
+0.8
V
ILI
Input Leakage Current
(0.1–V
≤V
OUT≤ VCC)
(all pins except those with internal pull-up/pull-down resistors)
±10
µA
IIH
Input Leakage Current
VIH = VCC – 0.1 V
(all pins with internal pull-down resistors)
90
µA
IIL
Input Leakage Current
VIL = 0.1 V
(pins with internal pull-up resistors)
–90
µA
ILO
Output Leakage Current
(0.1 – V
≤ V
OUT ≤ VCC)
±15
µA
Cin
(3)
I/O Capacitance
15
pF
AVCCRP-P
Analog VCC ripple peak to peak (3.3 V only)
100
mV
Power Pin Name
3.0 V–3.6 V
4.5 V–5.5 V
VCC1
N/A
VCC1
√√
AVCC1
N/A
VCC5
√√
VCCMEM
√√
VCCSYS2
√√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com