Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 1 Page - Advanced Micro Devices

  ELANSC310 Datasheet HTML 1Page - Advanced Micro Devices ELANSC310 Datasheet HTML 2Page - Advanced Micro Devices ELANSC310 Datasheet HTML 3Page - Advanced Micro Devices ELANSC310 Datasheet HTML 4Page - Advanced Micro Devices ELANSC310 Datasheet HTML 5Page - Advanced Micro Devices ELANSC310 Datasheet HTML 6Page - Advanced Micro Devices ELANSC310 Datasheet HTML 7Page - Advanced Micro Devices ELANSC310 Datasheet HTML 8Page - Advanced Micro Devices ELANSC310 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 119 page
background image
PRELIMINARY
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this product
without notice.
Publication# 20668
Rev: B Amendment/0
Issue Date: October 1997
ÉlanSC310
Single-Chip, 32-Bit, PC/AT Microcontroller
DISTINCTIVE CHARACTERISTICS
n Highly integrated, single-chip CPU and system
logic
– Optimized for embedded PC applications
– Combines 32 bit, x86 compatible, low-voltage
CPU with memory controller, PC/AT peripheral
controllers, real-time clock, and PLL clock
generators
– 0.7 micron, low-voltage, CMOS process, fully
static
n Enhanced Am386®SXLV CPU core
– 25 MHz or 33 MHz operating frequencies
– 3.3 V core, 3.3 V or 5 V memory and I/O
– Low-power, fully static design for long battery life
– System Management Mode (SMM) for power
management control
n Integrated power management functions
– Internal clock generators (using multiple Phase-
Locked Loops and one external 32-KHz crystal)
– Supports CPU System Management Mode
(SMM)
– Multiple operating modes: High Speed PLL, Low
Speed PLL, Doze, Sleep, Suspend, and Off. Fully
static design allows stopped clock.
– Comprehensive control of system and peripheral
clocks
– Five external power management control pins
– Suspend refresh of DRAM array
– Clock switching during ISA cycles
– Low power consumption: 0.12 mW typical
Suspend mode power
– Simultaneous multiple-voltage I/O pads operate
at either 3.3 V or 5 V. Core operates at 3.3 V for
minimum power consumption.
n Integrated memory controller
– Controls symmetrically addressable DRAM or
asymmetrical 512 Kbyte x 8 bit or 1 Mbyte x 16 bit
DRAM or SRAM as main memory
– Zero wait-state access with 70 ns, Page mode
DRAMs
– Supports up to 16 Mbyte system memory
– Supports up to 16 Mbyte of application ROM/
Flash, and 320 Kbyte direct ROM BIOS access.
Also supports shadow RAM
– Fully PC/AT compatible
n Integrated PC/AT-lompatible leripheral logic
– One programmable interval timer (fully 8254
compatible)
– Two programmable interrupt controllers (8259A
compatible)
– Two DMA controllers (8237A compatible)
– Built-in real-time clock (146818A compatible),
with an additional 114 bytes of RAM
– Internal Phase-Locked Loops (PLL) generate all
clocks from single 32.768 kHz crystal input
n Bus configurations
– 16-bit data path
– Optional bus configurations:
— 386 Local Bus mode with subset ISA
— Maximum ISA Bus mode
– Four programmable chip selects
– Built-in 8042 chip select
n Serial port controller (16450 UART compatible)
n Bidirectional parallel port (EPP compliant)


Similar Part No. - ELANSC310

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC300 AMD-ELANSC300 Datasheet
1Mb / 139P
Highly Integrated, Low-Power, 32-Bit Microcontroller
ELANSC300-25KC AMD-ELANSC300-25KC Datasheet
1Mb / 139P
Highly Integrated, Low-Power, 32-Bit Microcontroller
ELANSC300-25KI AMD-ELANSC300-25KI Datasheet
1Mb / 139P
Highly Integrated, Low-Power, 32-Bit Microcontroller
ELANSC300-25VC AMD-ELANSC300-25VC Datasheet
1Mb / 139P
Highly Integrated, Low-Power, 32-Bit Microcontroller
ELANSC300-25VI AMD-ELANSC300-25VI Datasheet
1Mb / 139P
Highly Integrated, Low-Power, 32-Bit Microcontroller
More results

Similar Description - ELANSC310

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
32-bit Single Chip Microcontroller
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
32-bit Single-Chip Microcontroller
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
32-bit Single-chip Microcontroller
MN103SJ7 PANASONIC-MN103SJ7 Datasheet
473Kb / 16P
32-bit Single-chip Microcontroller
logo
Infineon Technologies A...
TC233 INFINEON-TC233 Datasheet
7Mb / 238P
32-Bit Single-Chip Microcontroller
V 1.0, 2017-03
TC260 INFINEON-TC260 Datasheet
4Mb / 318P
32-Bit Single-Chip Microcontroller
V 1.0, 2017-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com