Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 58 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 58 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 54Page - Advanced Micro Devices ELANSC310 Datasheet HTML 55Page - Advanced Micro Devices ELANSC310 Datasheet HTML 56Page - Advanced Micro Devices ELANSC310 Datasheet HTML 57Page - Advanced Micro Devices ELANSC310 Datasheet HTML 58Page - Advanced Micro Devices ELANSC310 Datasheet HTML 59Page - Advanced Micro Devices ELANSC310 Datasheet HTML 60Page - Advanced Micro Devices ELANSC310 Datasheet HTML 61Page - Advanced Micro Devices ELANSC310 Datasheet HTML 62Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 119 page
background image
58
Élan™SC310 Microcontroller Data Sheet
PREL IMINARY
Notes:
All Pull-Up and Pull-Down resistor requirements are specified in ohms.
1. This pin is an “alternate pin function select input” that is sampled at reset. This pin functions as a normal serial port output
after RESIN and IORESET are deasserted.
2. When this pin’s function is a DMA request input, it should be terminated with a pulldown resistor if not connected to an external
device that drives to a known state.
3. If this ÉlanSC310 microcontroller input is always driven to a known state, then no external termination is required.
4. If the pin is configured as an input, it should be terminated with a discrete pull-up or pull-down resistor, or it should always be
driven to a known state.
Signal Name
Pin No.
Local Bus
Maximum ISA
Notes
Pull Up
Pull Down
Pull Up
Pull Down
ERROR
86
4.7K
4.7K
ACK
88
4.7K
4.7K
BUSY
85
4.7K
4.7K
PE
82
4.7K
4.7K
SLCT
87
4.7K
4.7K
PGP0
189
100K
100K
4
PGP1
188
100K
100K
4
ACIN
101
10K
10K
3
BL1
106
100K
100K
3
BL2
107
100K
100K
3
BL3
108
100K
100K
3
BL4
109
100K
100K
3
SOUT
94
10K
Table 25.
External Resistor Requirements (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com