Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 14Page - Advanced Micro Devices ELANSC310 Datasheet HTML 15Page - Advanced Micro Devices ELANSC310 Datasheet HTML 16Page - Advanced Micro Devices ELANSC310 Datasheet HTML 17Page - Advanced Micro Devices ELANSC310 Datasheet HTML 18Page - Advanced Micro Devices ELANSC310 Datasheet HTML 19Page - Advanced Micro Devices ELANSC310 Datasheet HTML 20Page - Advanced Micro Devices ELANSC310 Datasheet HTML 21Page - Advanced Micro Devices ELANSC310 Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 119 page
background image
18
Élan™SC310 Microcontroller Data Sheet
PREL IMINARY
Signal Name
Pin No.
Function
Pin State
Table No.
Description
Page No.
MA6/SA20
15
Memory bus interface
1
30
MA7/SA21
14
Memory bus interface
1
30
MA8/SA22
13
Memory bus interface
1
30
MA9/SA23
11
Memory bus interface
1
30
MCS16
197
System interface
2
32
MEMR
56
System interface
2
32
MEMW
57
System interface
2
32
MWE
8
Memory bus interface
1
30
PE
82
Parallel port interface
4
33
PGP0
189
Power management interface
6
34
PGP1
188
Power management interface
6
34
PGP2
187
Power management interface
6
34
PGP3
186
Power management interface
6
34
PIRQ0 (IRQ3)
194
System and maximum ISA bus interface
2
32, 36
PIRQ1 (IRQ6)
193
System and maximum ISA bus interface
2
32, 36
PMC0
137
Power management interface
6
34
PMC1
138
Power management interface
6
34
PMC2
77
Power management interface
6
34
PMC3
185
Power management interface
6
34
PMC4
184
Power management interface
6
34
PPDCS
90
Parallel port interface
4
33
PPDWE [PPDCS]
90
Parallel port interface
4
33
PPOEN
91
Parallel port interface
4
33
PULLDN (IRQ5)
178
Miscellaneous interface
8
12
PULLUP
110–120,
164, 179,
183
Miscellaneous interface
8
12
(PULLUP) CPUCLK
162
Local bus interface
7
12
(PULLUP) RSVD
165
Local bus interface
7
12
RAS0
2
Memory bus interface
1
30
RAS1
3
Memory bus interface
1
30
RC
78
Keyboard interface
3
33
RESIN
141
Reset and power
8
37
RIN
100
Serial port interface
5
34
ROMCS
44
Memory bus interface
1
30
RSTDRV
58
System interface
2
32
RSVD
122–127,
129–134,
136
Miscellaneous interface
8
12
RSVD (PULLUP)
165
Miscellaneous interface
7
12
(RSVD) CPURST
163
Miscellaneous interface
7
35
(RSVD) LDEV
148
Miscellaneous interface
7
35
RTS/CFG0
93
Serial port interface
5
34
SA0
74
System interface
2
32
SA1
73
System interface
2
32
PIN DESIGNATIONS (SORTED BY PIN NAME) (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com