Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 24 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 24 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 20Page - Advanced Micro Devices ELANSC310 Datasheet HTML 21Page - Advanced Micro Devices ELANSC310 Datasheet HTML 22Page - Advanced Micro Devices ELANSC310 Datasheet HTML 23Page - Advanced Micro Devices ELANSC310 Datasheet HTML 24Page - Advanced Micro Devices ELANSC310 Datasheet HTML 25Page - Advanced Micro Devices ELANSC310 Datasheet HTML 26Page - Advanced Micro Devices ELANSC310 Datasheet HTML 27Page - Advanced Micro Devices ELANSC310 Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 119 page
background image
24
Élan™SC310 Microcontroller Data Sheet
PREL IMINARY
Notes:
1. Reset State SYSCLK frequency is 4.6 MHz.
2. The drive strength for these pins is programmable. E is the default.
All inputs that have VCC clamp = 5 V are 5-V safe inputs regardless of their VCCIO.
Notes:
All inputs that have VCC clamp = 5 V are 5-V safe inputs regardless of their VCCIO.
TC [TMS]
49
O(I)
—
B
0
0.0
0.0
VSYS
VCC5
30
ENDIRL
50
O
—
B
1
5.0
5.0
VSYS
VCC5
30
ENDIRH
51
O
—
B
1
5.0
5.0
VSYS
VCC5
30
DBUFOE
59
O
—
B
1
5.0
5.0
VSYS
VCC5
30
IOR
54
O
—
C
1
5.0
5.0
VSYS
VCC5
50
IOW
55
O
—
C
1
5.0
5.0
VSYS
VCC5
50
MEMR
56
O
—
C
1
5.0
5.0
VSYS
VCC5
50
MEMW
57
O
—
C
1
5.0
5.0
VSYS
VCC5
50
RSTDRV
58
O
—
A
0
5.0
5.0
VSYS
VCC5
30
IOCHRDY
192
STI
PU
—
—
3.3
3.3
VCC1
VCC5
—
DACK1
146
O
—
B
1
3.3
5.0
VSYS2
VCC5
30
DRQ1
174
I
—
C
—
0.0
0.0
VCC1
VCC5
100
DACK5
144
O
—
C
1
3.3
5.0
VSYS2
VCC5
100
DRQ5
175
I
—
C
—
3.3
0.0
VCC1
VCC5
100
IOCHCHK
177
I
—
C
—
3.3
3.3
VCC1
VCC5
100
IRQ4
173
I
—
C
—
3.3
3.3
VCC1
VCC5
100
IRQ12
181
I
—
C
—
3.3
3.3
VCC1
VCC5
100
IRQ15
182
I
—
B
—
3.3
3.3
VCC1
VCC5
50
IOCS16
196
I
—
C
—
3.3
3.3
VCC1
VCC5
70
MCS16
197
I
—
C
—
3.3
3.3
VCC1
VCC5
70
IRQ14
198
I
—
C
—
0.0
0.0
VCC1
VCC5
70
SBHE
143
O
—
C
0
0.0
0.0
VSYS2
VCC5
70
Table 3.
System Interface (Continued)
Signal Name
Pin No.
I/O
Type
Term
Drive
Type
Clock
Off
Reset State
(volts)
VCCIO
VCC
Clamp
Spec.
Load
(pF)
Local
Bus
Max
ISA
Table 4.
Keyboard Interface
Signal Name
Pin No.
I/O
Type
Term
Drive
Type
Clock
Off
Reset State
(volts)
VCCIO
VCC
Clamp
Spec.
Load
(pF)
Local
Bus
Max
ISA
8042CS [XTDAT]
75
O(STI)
—
B
1(–)
5.0
5.0
VSYS
VCC5
30
RC
78
I
PU
—
—
5.0
5.0
VSYS
VCC5
—
A20GATE
79
I
PU
—
—
5.0
5.0
VSYS
VCC5
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com