Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 61 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 61 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 57Page - Advanced Micro Devices ELANSC310 Datasheet HTML 58Page - Advanced Micro Devices ELANSC310 Datasheet HTML 59Page - Advanced Micro Devices ELANSC310 Datasheet HTML 60Page - Advanced Micro Devices ELANSC310 Datasheet HTML 61Page - Advanced Micro Devices ELANSC310 Datasheet HTML 62Page - Advanced Micro Devices ELANSC310 Datasheet HTML 63Page - Advanced Micro Devices ELANSC310 Datasheet HTML 64Page - Advanced Micro Devices ELANSC310 Datasheet HTML 65Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 119 page
background image
Élan™SC310 Microcontroller Data Sheet
61
PREL IMINARY
ALTERNATE PIN FUNCTIONS SELECTED VIA FIRMWARE
The following tables contain brief descriptions of the alternate pin functions/names and the pin names of the default
function that the alternate function replaces. These alternate functions are selected via system firmware only.
SRAM Interface
This alternate function is configured by setting bit 0 of the Miscellaneous 6 Register, Index 70h.
Unidirectional/Bidirectional Parallel Port
This alternate function is configured via selecting either the Normal Bidirectional mode configuration or the EPP
mode configuration for the parallel port in the Function Enable 1 Register, Index B0h.
X1OUT [BAUD_OUT] Clock Source
The internal clock source driving out on this pin is configured via register bits of the Function Enable Registers,
Indexes B0h and B1h.
Notes:
The default function of this pin is that no clock is driven out and the pin is tri-stated.
Table 28.
SRAM Interface
SRAM Pin Name
Pin Type
SRAM Interface Pin
Description/Notes
Default Pin
Name/Function
Pin No.
[SRCS0]
O
SRAM Bank 0 Chip Select. Low Byte
CAS0L
6
[SRCS1]
O
SRAM Bank 0 Chip Select. High Byte
CAS0H
7
[SRCS2]
O
SRAM Bank 1 Chip Select. Low Byte
CAS1L
4
[SRCS3]
O
SRAM Bank 1 Chip Select. High Byte
CAS1H
5
Table 29.
Bidirectional Parallel Port Pin Description
Bidirectional Pin
Name
Pin Type
Bidirectional Parallel Port Pin
Description/Notes
Default Pin
Name/Function
Pin No.
[PPDCS]
O
Parallel Port data register address decode
PPDWE
90
Table 30.
X1OUT Clock Source Pin Description
BAUD_OUT Pin Name
Pin Type
X1OUT [BAUD_OUT] Pin
Description/Notes
Default Pin
Name/Function
Pin No.
[BAUD_OUT]
O
Serial baud rate clock
X1OUT
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com