Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 15Page - Advanced Micro Devices ELANSC310 Datasheet HTML 16Page - Advanced Micro Devices ELANSC310 Datasheet HTML 17Page - Advanced Micro Devices ELANSC310 Datasheet HTML 18Page - Advanced Micro Devices ELANSC310 Datasheet HTML 19Page - Advanced Micro Devices ELANSC310 Datasheet HTML 20Page - Advanced Micro Devices ELANSC310 Datasheet HTML 21Page - Advanced Micro Devices ELANSC310 Datasheet HTML 22Page - Advanced Micro Devices ELANSC310 Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 119 page
background image
Élan™SC310 Microcontroller Data Sheet
19
PREL IMINARY
Signal Name
Pin No.
Function
Pin State
Table No.
Description
Page No.
SA10
62
System interface
2
32
SA11
61
System interface
2
32
SA12/MA11
60
System interface
2
30
SA13/MA10
10
System interface
2
30
SA14/MA0
24
System interface
2
30
SA15/MA1
21
System interface
2
30
SA16/MA2
19
System interface
2
30
SA17/MA3
18
System interface
2
30
SA18/MA4
17
System interface
2
30
SA19/MA5
16
System interface
2
30
SA2
72
System interface
2
32
SA20/MA6
15
System interface
2
30
SA21/MA7
14
System interface
2
30
SA22/MA8
13
System interface
2
30
SA23/MA9
11
System interface
2
30
SA3
71
System interface
2
32
SA4
70
System interface
2
32
SA5
69
System interface
2
32
SA6
67
System interface
2
32
SA7
66
System interface
2
32
SA8
64
System interface
2
32
SA9
63
System interface
2
32
SBHE
143
System interface
2
32
SIN
99
Serial port interface
5
34
SLCT
87
Parallel port interface
4
33
SLCTIN
84
Parallel port interface
4
33
SOUT
94
Serial port interface
5
34
SPKR
139
Miscellaneous interface
8
32
[SRCS0] CAS0L
6
Memory bus interface
1
30
[SRCS1] CAS0H
7
Memory bus interface
1
30
[SRCS2] CAS1L
4
Memory bus interface
1
30
[SRCS3] CAS1H
5
Memory bus interface
1
30
STRB
83
Parallel port interface
4
33
SUS/RES
103
Power management interface
6
35
SYSCLK [XTCLK]
45
System interface
2
32
TC [TMS]
49
System interface
2
32
[TCK] DACK2
46
JTAG boundary scan interface
2
37
[TDI] AEN
47
JTAG boundary scan interface
2
37
[TDO] DRQ2
76
JTAG boundary scan interface
2
37
[TMS] TC
49
JTAG boundary scan interface
2
37
VCC
23, 81,
135, 180
Power
9
38
VCC1
176
Power
9
38
VCC5
95, 128
Power
9
38
PIN DESIGNATIONS (SORTED BY PIN NAME) (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com