Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 94 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 94 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 90Page - Advanced Micro Devices ELANSC310 Datasheet HTML 91Page - Advanced Micro Devices ELANSC310 Datasheet HTML 92Page - Advanced Micro Devices ELANSC310 Datasheet HTML 93Page - Advanced Micro Devices ELANSC310 Datasheet HTML 94Page - Advanced Micro Devices ELANSC310 Datasheet HTML 95Page - Advanced Micro Devices ELANSC310 Datasheet HTML 96Page - Advanced Micro Devices ELANSC310 Datasheet HTML 97Page - Advanced Micro Devices ELANSC310 Datasheet HTML 98Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 119 page
background image
94
Élan™SC310 Microcontroller Data Sheet
PREL IMINARY
Table 47.
DRAM First Cycle Read Access (See Figure 38)
Notes:
For more information about DRAM first cycle read wait states, see the DRAM First Cycle Wait State Select Logic table in
Chapter 4 of the ÉlanTMSC310 Microcontroller Programmer’s Reference Manual, order #20665.
Symbol
Parameter Description
Wait States
Min
Max
Unit
t5a
CAS Low to data valid (read access time)
120
ns
250
ns
380
ns
t28a
RAS Low to data valid (read access time)
150
ns
280
ns
3
110
ns
t30
MA valid setup to RAS Low
N/A
0
ns
t31
MA hold from RAS Low
N/A
10
ns
t32
MA setup to CAS Low
N/A
0
ns
t33
RAS hold from CAS Low
N/A
20
ns
t34
RAS precharge from CAS High
N/A
10
ns
t38
MA hold from CAS active
N/A
15
ns
t39
RAS to CAS delay
N/A
20
ns
t40
RAS pulse width
N/A
70
10,000
ns
t41a
CAS pulse width (read, first cycle)
130
ns
260
ns
390
ns
t44a
CAS hold from RAS Low
160
ns
290
ns
3
120
ns
Table 48.
DRAM Bank/Page Miss Read Cycles (See Figure 38)
Symbol
Parameter Description
Wait State
Min
Max
Unit
t5b
CAS Low to data valid (read access time)
335
ns
465
ns
580
ns
t28b
RAS Low to data valid (read access time)
365
ns
495
ns
5
110
ns
t29a
CAS precharge (page miss read)
N/A
30
ns
t33
RAS hold from CAS Low
N/A
20
ns
t34
RAS precharge from CAS High
N/A
10
ns
t36
RAS precharge (page miss)
338
ns
438
ns
553
ns
t39
RAS to CAS delay
N/A
20
ns
t40
RAS pulse width
N/A
70
10,000
ns
t41b
CAS pulse width (read, page miss)
345
ns
475
ns
590
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com