Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 42 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 42 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 38Page - Advanced Micro Devices ELANSC310 Datasheet HTML 39Page - Advanced Micro Devices ELANSC310 Datasheet HTML 40Page - Advanced Micro Devices ELANSC310 Datasheet HTML 41Page - Advanced Micro Devices ELANSC310 Datasheet HTML 42Page - Advanced Micro Devices ELANSC310 Datasheet HTML 43Page - Advanced Micro Devices ELANSC310 Datasheet HTML 44Page - Advanced Micro Devices ELANSC310 Datasheet HTML 45Page - Advanced Micro Devices ELANSC310 Datasheet HTML 46Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 119 page
background image
42
Élan™SC310 Microcontroller Data Sheet
PREL IMINARY
management control (PMC) pins that are controlled by
the operating modes.
Clock Generation
The ÉlanSC310 microcontroller requires only one
32.768-kHz clock input that is used to generate all
other clock frequencies required by the system. This
32.768-kHz clock input is provided through the X32IN
and X32OUT pins and the crystal oscillator circuit. This
input frequency is then used to internally drive multiple
Phase-Locked Loops that create all necessary fre-
quencies.
The clock rate that is used to drive the internal CPU is
determined by the mode of operation of the ÉlanSC310
microcontroller.
The clock generation, control, and distribution scheme
are detailed in Figure 1 and Figure 2, which follow.
INT_PLL
LS_PLL
HS_PLL
VID_PLL
EN
32 kHz
Input
LS_PLL_EN
HS_PLL_EN
VID_PLL_EN
1.4746 MHz
18.432 MHz
1.8432 MHz
1.1892 MHz
14.336 MHz
EN
EN
EN
Programmable
2 x CPU Clock
Figure 1.
PLL Block Diagram
÷ 2
36.864 MHz
2.048 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com