Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 57 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 57 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 53Page - Advanced Micro Devices ELANSC310 Datasheet HTML 54Page - Advanced Micro Devices ELANSC310 Datasheet HTML 55Page - Advanced Micro Devices ELANSC310 Datasheet HTML 56Page - Advanced Micro Devices ELANSC310 Datasheet HTML 57Page - Advanced Micro Devices ELANSC310 Datasheet HTML 58Page - Advanced Micro Devices ELANSC310 Datasheet HTML 59Page - Advanced Micro Devices ELANSC310 Datasheet HTML 60Page - Advanced Micro Devices ELANSC310 Datasheet HTML 61Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 119 page
background image
Élan™SC310 Microcontroller Data Sheet
57
PREL IMINARY
Signal Name
Pin No.
Local Bus
Maximum ISA
Notes
Pull Up
Pull Down
Pull Up
Pull Down
IRQ12
181
10K
10K
PULLUP(IRQ10)
179
1K
10K
PULLUP(IRQ7)
164
10K
10K
LDEV(RSVD)
148
1K
DRQ1
174
10K
10K
2
DRQ5
175
10K
10K
2
PULLDN(IRQ5)
178
10K
10K
ADS(0WS)
172
1K
BHE(IRQ9)
168
10K
BLE(IRQ11)
167
10K
CPUCLK(PULLUP)
162
1M
RSVD(PULLUP)
165
1M
D/C(DRQ0)
171
10K
2
M/IO(DRQ3)
170
10K
2
W/R(DRQ7)
169
10K
2
LRDY(DRQ6)
166
1K
10K
2
DRQ2[TDO]
76
10K
10K
2
PULLUP
113
100K
100K
PULLUP
114
100K
100K
PULLUP
119
100K
100K
PULLUP
120
100K
100K
PULLUP
115
100K
100K
PULLUP
110
100K
100K
PULLUP
116
100K
100K
PULLUP
111
100K
100K
PULLUP
117
100K
100K
PULLUP
112
100K
100K
PULLUP
118
100K
100K
DCD
98
1M
1M
DSR
97
1M
1M
SIN
99
1M
1M
CTS
96
1M
1M
RIN
100
1M
1M
STRB
83
4.7K
4.7K
AFDT
80
4.7K
4.7K
INIT
89
4.7K
4.7K
SLCTIN
84
4.7K
4.7K
Table 25.
External Resistor Requirements (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com