Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 86 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 86 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 82Page - Advanced Micro Devices ELANSC310 Datasheet HTML 83Page - Advanced Micro Devices ELANSC310 Datasheet HTML 84Page - Advanced Micro Devices ELANSC310 Datasheet HTML 85Page - Advanced Micro Devices ELANSC310 Datasheet HTML 86Page - Advanced Micro Devices ELANSC310 Datasheet HTML 87Page - Advanced Micro Devices ELANSC310 Datasheet HTML 88Page - Advanced Micro Devices ELANSC310 Datasheet HTML 89Page - Advanced Micro Devices ELANSC310 Datasheet HTML 90Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 119 page
background image
86
Élan™SC310 Microcontroller Data Sheet
PREL IMINARY
LOOP FILTERS
Each of the Phase-Locked Loops (PLLs) in the
ÉlanSC310 microcontroller requires an external Loop
Filter. Figure 30 describes each of the Loop Filters and
the recommended component values. The recom-
mended values for the components are shown in
Table 44.
The system designer shall include the pads on the
printed circuit board to accommodate the future instal-
lation/change of C2 and R1. This is recommended be-
cause the PLL performance can be affected by the
physical circuit board design. In addition, future revi-
sions of the ÉlanSC310 microcontroller with a modified
PLL design may require the addition of these compo-
nents to the system board.
The component value(s) of the Loop Filter directly af-
fect the acquisition (start up) time of the PLL circuit.
With the values recommended, the approximate acqui-
sition time is 200 ms. Therefore, the system designer
should program the Clock Control Register at Index 8F
appropriately. Bits 0, 1, and 2 set the PLL restart delay
time. When the PLLs are shut off for any reason (i.e.,
power management), the PLL will be allowed an
amount of time equal to that programmed in this regis-
ter to start up before the PLL outputs are enabled for
the internal device logic. A PLL restart delay time of
256 ms should be set in the Clock Control Register.
The pulse width of the RSTDRV signal is adjustable
based on the PLL start-up timing. For more informa-
tion, see the timing specifications in Table 45 on page
88, Figure 32–Figure 35.
Table 9 on page 28 shows the pin characteristics for the
Loop Filters, including the reset voltage level when
RESIN is active.
For more information about Loop Filters, see the
Trou-
bleshooting Guide for Micro Power Off Mode on
ÉlanTMSC300 and ÉlanSC310 Microcontrollers and
Evaluation Boards Application Note, order #21810.
Figure 30.
Loop-Filter Component
Notes:
When the PLL is on, VLFx should be approximately between
1 V and 2 V.
Table 44.
Loop-Filter Component Values
LFx
R1
C1
C2
10
0.47
µF
Not Installed
20
0.47
µF
Not Installed
30
0.47
µF
Not Installed
40
0.47
µF
Not Installed
LFx
R1
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com