Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 18Page - Advanced Micro Devices ELANSC310 Datasheet HTML 19Page - Advanced Micro Devices ELANSC310 Datasheet HTML 20Page - Advanced Micro Devices ELANSC310 Datasheet HTML 21Page - Advanced Micro Devices ELANSC310 Datasheet HTML 22Page - Advanced Micro Devices ELANSC310 Datasheet HTML 23Page - Advanced Micro Devices ELANSC310 Datasheet HTML 24Page - Advanced Micro Devices ELANSC310 Datasheet HTML 25Page - Advanced Micro Devices ELANSC310 Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 119 page
background image
22
Élan™SC310 Microcontroller Data Sheet
PREL IMINARY
Notes:
1. These signals are active during reset.
2. These pins always default to their DRAM interface function.
3. The drive strength for these pins is programmable. E is the default.
All inputs that have VCC Clamp = 5 V are 5-V safe inputs regardless of their VCCIO.
Table 2.
Memory Bus Interface
Signal Name
Pin
No.
I/O
Type
Term
Drive
Type
Clock
Off
Reset State
(volts)
VCCIO
VCC
Clamp
Spec.
Load
(pF)
Local
Bus
Max
ISA
RAS01,3
2
O
E,D,C
Active
3.3/0
3.3/0
VMEM
VMEM
50
RAS11,3
3
O
E,D,C
Active
3.3/0
3.3/0
VMEM
VMEM
50
CAS1L [SRCS2]1,2
4
O
D
Active
3.3/0
3.3/0
VMEM
VMEM
30
CAS1H [SRCS3]1,2
5
O
D
Active
3.3/0
3.3/0
VMEM
VMEM
30
CAS0L [SRCS0]1,2
6
O
D
Active
3.3/0
3.3/0
VMEM
VMEM
30
CAS0H [SRCS1]1,2
7
O
D
Active
3.3/0
3.3/0
VMEM
VMEM
30
MA10/SA133
10
O
E,D,C
0
3.3
3.3
VMEM
VMEM
70
MA9/SA233
11
O
E,D,C
0
3.3
3.3
VMEM
VMEM
70
MA8/SA223
13
O
E,D,C
0
3.3
3.3
VMEM
VMEM
70
MA7/SA213
14
O
E,D,C
0
3.3
3.3
VMEM
VMEM
70
MA6/SA203
15
O
E,D,C
0
3.3
3.3
VMEM
VMEM
70
MA5/SA193
16
O
E,D,C
0
3.3
3.3
VMEM
VMEM
70
MA4/SA183
17
O
E,D,C
0
3.3
3.3
VMEM
VMEM
70
MA3/SA173
18
O
E,D,C
0
3.3
3.3
VMEM
VMEM
70
MA2/SA163
19
O
E,D,C
0
3.3
3.3
VMEM
VMEM
70
MA1/SA153
21
O
E,D,C
0
3.3
3.3
VMEM
VMEM
70
MA0/SA143
24
O
E,D,C
0
3.3
3.3
VMEM
VMEM
70
MWE3
8
O
E,D,C
1
3.3
3.3
VMEM
VMEM
70
ROMCS
44
O
B
1
5.0
5.0
VSYS
V
CC5
30
DOSCS
43
O
B
1
5.0
5.0
VSYS
V
CC5
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com