Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 55 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 55 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 51Page - Advanced Micro Devices ELANSC310 Datasheet HTML 52Page - Advanced Micro Devices ELANSC310 Datasheet HTML 53Page - Advanced Micro Devices ELANSC310 Datasheet HTML 54Page - Advanced Micro Devices ELANSC310 Datasheet HTML 55Page - Advanced Micro Devices ELANSC310 Datasheet HTML 56Page - Advanced Micro Devices ELANSC310 Datasheet HTML 57Page - Advanced Micro Devices ELANSC310 Datasheet HTML 58Page - Advanced Micro Devices ELANSC310 Datasheet HTML 59Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 119 page
background image
Élan™SC310 Microcontroller Data Sheet
55
PREL IMINARY
MA10–MA0
D15–D8
MA10–MA0
D7–D0
MAX241
Élan
SC310
Microcontroller
512K x 8
512K x 8
1 Mbyte System Memory
3.3 V or 5 V
ROM/FLASH
BIOS
ROM/FLASH
DOS
Keyboard
Controller
(8042)
L
A
T
C
H
Parallel Port
Control
B
U
F
MA10–MA0
D15–D0
SA12–SA0
SA23–SA13
SD15–SD0
RAS
CAS
WE
Serial
Port
Miscellaneous
I/O Control
CRT
ISA
VGA
Figure 7.
Typical System Block Diagram (Maximum ISA Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com