Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 35Page - Advanced Micro Devices ELANSC310 Datasheet HTML 36Page - Advanced Micro Devices ELANSC310 Datasheet HTML 37Page - Advanced Micro Devices ELANSC310 Datasheet HTML 38Page - Advanced Micro Devices ELANSC310 Datasheet HTML 39Page - Advanced Micro Devices ELANSC310 Datasheet HTML 40Page - Advanced Micro Devices ELANSC310 Datasheet HTML 41Page - Advanced Micro Devices ELANSC310 Datasheet HTML 42Page - Advanced Micro Devices ELANSC310 Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 119 page
background image
Élan™SC310 Microcontroller Data Sheet
39
PREL IMINARY
one page is spread across both DRAM banks. Both
DRAM modes use standard Fast Page mode DRAMs.
The memory controller operation is synchronous with
respect to the CPU. This ensures maximum perfor-
mance for all transfers to local memory. The clock
stretching implemented by the clock generation cir-
cuitry works to reduce synchronous logic power con-
sumption.
As shown in Table 12, the two DRAM operating modes
are defined by the MOD field in the Memory Configura-
tion Register, Index 66h, bit 0.
The ÉlanSC310 microcontroller defaults to a DRAM in-
terface. The SRAM mode is selected via bit 0 of the
Miscellaneous 6 Register Index 70h. The memory con-
troller provides for a direct connection of two 16-bit
banks supporting up to 16 Mbyte of DRAM, utilizing in-
dustry standard modules. The ÉlanSC310 microcon-
troller shares the DRAM address lines MA0–MA11 with
the upper system address lines SA12–SA23 to reduce
pin count. This signal sharing is shown in Table 13.
The ÉlanSC310 microcontroller also shares the DRAM
data bus with the system data bus on the D15–D0 pins.
In a typical system, an SD bus is created with an exter-
nal x 16 bit buffer or level translator to isolate the
DRAM data bus from the rest of the system. Refer to
the Typical System Block Diagram, Figure 7 on page
55 of this data sheet. The DRAM configurations are
supported as shown in Table 14. The bank size infor-
mation in the table also applies when system memory
is configured as SRAM; however, SRAM uses a differ-
ent addressing scheme than DRAM and shares the
same address lines as the ISA bus. Chapter 2 in the
ÉlanTMSC310 Microcontroller Programmer’s Refer-
ence Manual, order #20665, contains more informa-
tion. Note that the configurations that use 512 Kbyte x
8 bit and 1 Mbyte x 16 bit DRAMs employ asymmetrical
addressing. Table 15 and Table 16 show the relation-
ship of the CPU address mapped to the DRAM mem-
ory.
Notes:
1. SRAM configuration is supported. Bit 7 of Index Register B4h must be cleared. Setting MS2–MS0 of Index 66h as specified in
the table selects the SRAM bank sizes.
See Table 15 and Table 16 for the DRAM address multiplexing schemes for normal page mode and Enhanced Page mode, re-
spectively.
Table 12.
DRAM Mode Selection
MOD0 (Index 66h, bit 0)
Function
0
Page mode
1
Enhanced Page mode
Table 13.
MA and SA Signal Pin Sharing
System Address
DRAM Memory Address
SA23–SA14
MA9–MA0
SA13
MA10
SA12
MA11
Table 14.
Supported DRAM/SRAM Configuration
Bank Sizes
(16-Bit Wide Only)
Index B1h
Index
B4h
Index Reg. 66h
Total DRAM/SRAM
Size
Bank 0 DRAMs
Bank 1 DRAMs
Bit 7
Bit 6
Bit 7
MS2
Bit 4
MS1
Bit 3
MS0
Bit 2
512 Kbyte
4 256K x 4 bits
—
0
0
1
x
x
x
512 Kbyte
1 256K x 16 bits
—
0
0
1
x
x
x
1 Mbyte
4 256 K x 4 bits
4 256 K x 4 bits
0
1
1
x
x
x
1 Mbyte
1 256K x 16 bits
1 256K x 4 bits
0
1
1
x
x
x
1 Mbyte1
2 512 K x 8 bits
—
x
x
0001
2 Mbyte1
2 512 K x 8 bits
2 512 K x 8 bits
x
x
0010
2 Mbyte1
4 1 Mbyte x 4 bits
—
x
x
0011
2 Mbyte
1 1 Mbyte x 16 bits
—
1
0
1
x
x
x
4 Mbyte1
4 1 Mbyte x 4 bits,
4 1 M
byte x 4 bits
x
x
0100
4 Mbyte
1 1 Mbyte x 16 bits
1 1 M
byte x 16 bits
111
x
x
x
8 Mbyte1
4 4 M
byte x 4 bits
—
x
x
0101
16 Mbyte1
4 4 M
byte x 4 bits
4 4 M
byte x 4 bits
x
x
0110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com