Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 67 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 67 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 63Page - Advanced Micro Devices ELANSC310 Datasheet HTML 64Page - Advanced Micro Devices ELANSC310 Datasheet HTML 65Page - Advanced Micro Devices ELANSC310 Datasheet HTML 66Page - Advanced Micro Devices ELANSC310 Datasheet HTML 67Page - Advanced Micro Devices ELANSC310 Datasheet HTML 68Page - Advanced Micro Devices ELANSC310 Datasheet HTML 69Page - Advanced Micro Devices ELANSC310 Datasheet HTML 70Page - Advanced Micro Devices ELANSC310 Datasheet HTML 71Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 119 page
background image
Élan™SC310 Microcontroller Data Sheet
67
PREL IMINARY
171
D/C
87
bidir
172
ADS
88
bidir
173
IRQ4
89
bidir
174
DRQ1
90
bidir
175
DRQ5
91
bidir
177
IOCHCHK
92
bidir
178
PULLDN
93
bidir
179
PULLUP
94
bidir
181
IRQ12
95
bidir
182
IRQ15
96
bidir
183
PULLUP
97
bidir
184
PMC4
98
output
185
PMC3
99
output
186
PGP3
100
bidir
187
PGP2
101
bidir
188
PGP1
102
bidir
189
PGP0
103
bidir
190
LPH
104
output
191
IOCHRDY
105
input
193
PIRQ1
106
input
194
PIRQ0
107
input
195
IRQ1
108
input
196
IOCS16
109
bidir
197
MCS16
110
bidir
198
IRQ14
111
bidir
200
X1OUT
112
output
*
*
113
control
Control cell for pins 2–51
2
RAS0
114
output
3
RAS1
115
output
4
CAS1L
116
output
5
CAS1H
117
output
6
CAS0L
118
output
7
CAS0H
119
output
8MWE
120
output
10
MA10
121
output
11
MA9
122
output
13
MA8
123
output
14
MA7
124
output
15
MA6
125
output
16
MA5
126
output
17
MA4
127
output
18
MA3
128
output
19
MA2
129
output
Table 35.
Boundary Scan (JTAG) Cells—Order and Type (Continued)
Pin No.
Name
Cell
Position
Cell Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com