Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 72 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 72 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 68Page - Advanced Micro Devices ELANSC310 Datasheet HTML 69Page - Advanced Micro Devices ELANSC310 Datasheet HTML 70Page - Advanced Micro Devices ELANSC310 Datasheet HTML 71Page - Advanced Micro Devices ELANSC310 Datasheet HTML 72Page - Advanced Micro Devices ELANSC310 Datasheet HTML 73Page - Advanced Micro Devices ELANSC310 Datasheet HTML 74Page - Advanced Micro Devices ELANSC310 Datasheet HTML 75Page - Advanced Micro Devices ELANSC310 Datasheet HTML 76Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 119 page
background image
72
Élan™SC310 Microcontroller Data Sheet
PREL IMINARY
THERMAL CHARACTERISTICS
The ÉlanSC310 microcontroller is specified for operation with a case temperature range from 0°C to 85°C for a com-
mercial device. Table 40 shows the thermal resistance for 208-pin QFP and TQFP packages.
Table 40.
Thermal Resistance (°C/Watt)
ψ
JT and θJA for 208-pin QFP and TQFP packages
TYPICAL POWER NUMBERS
Table 41 shows the typical power numbers that were
measured for the ÉlanSC310 microcontroller. These
measurements reflect the part when it is configured for
Maximum ISA mode operation at operating speeds of
33 MHz, 25 MHz, and 9.2 MHz. The connection of the
various power sections of the part are outlined in the
table so that the designer may have some relative in-
formation for the power consumption differences be-
tween 3.3-V operation and 5-V operation. Please see
the notes associated with the tables for specifics on the
test conditions.
Notes:
1. In normal operating mode measurements, the ÉlanSC310 microcontroller is running the LandMark Speedcom benchmark
(Version 2.00). All CPU idle cycles are run at the high-speed rate.
2. In Doze mode, the Doze mode configuration is such that the low-speed CPU clock is programmed to turn on for 64 refresh
cycles upon an IRQ0 (DOS timer) generation. After 64 refresh cycles, the low-speed CPU clock is turned off again. The IRQ0
timer is set for an approximate 55 ms interval and the refresh duty cycle is approximately 15.6
µs. In Doze mode, the high-
speed PLL is always turned off and, in this case, the low-speed PLL and video PLLs are on to allow the IRQ0 periodic wake-
up.
3. Suspend mode measurements were taken with DRAM refresh rate set at 8192 Hz (126
µs).
4. Micropower measurements were taken with DRAM unpowered and the DRAM refresh rate set at 8192 Hz.
5. These measurements were taken with the memory interface powered at 5 V, rather than 3.3 V.
All measurements were obtained at typical room temperature (ambient).
Package
ψ
JT
θ
JA vs. Airflow-Linear ft/min. (m/s)
0 (0)
200 (1.01)
400 (2.03)
600 (3.04)
800 (4.06)
QFP
4.7
33
26
25
23
22
TQFP
7
37.4
31.0
28.5
26.9
26.6
Table 41.
Typical Maximum ISA Mode Power Consumption
Power Pin
Maximum ISA Mode
Group
Name
Volts
33 MHz
25 MHz
9.2 MHz
Doze2
Suspend3
µ Pwr Off4
CPU Core
VCC
3.3
119 mA
94.3mA
39.1mA
6.12 mA
5.7
µA4.1 µA
I/O VCC
VCC1
5
5.55 mA
5.55mA
5.55mA
5.55 mA
0
µA
OFF
Analog
AVCC
3.3
2.58 mA
2.36 mA
2.24 mA
1.39 mA
19.9
µA19.8 µA
I/O
VCC5
5
772
µA
680
µA
434
µA
293
µA0 µA
OFF
Memory
VCCMEM
3.3
16.4 mA
12.6 mA
4.9 mA
190
µA
10.5
µA
OFF
Sub ISA Bus
VCCSYS
5
16.8 mA
13.7 mA
7.76 mA
3.6 mA
0
µA
OFF
Full ISA Bus
VCCSYS2
5
2.06 mA
1.57 mA
0.9 mA
21
µA0 µA
OFF
Total (mW)
582 mW
468mW
226mW
72.7 mW
0.12 mW
0.08 mW
Memory5
VCCMEM
5
26.5 mA
20.3 mA
8.75 mA
304
µA
17
µA
OFF
Total (mW)
660 mW
528 mW
470 mW
73.6 mW
0.17 mW
0.08 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com