Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 40 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 40 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 36Page - Advanced Micro Devices ELANSC310 Datasheet HTML 37Page - Advanced Micro Devices ELANSC310 Datasheet HTML 38Page - Advanced Micro Devices ELANSC310 Datasheet HTML 39Page - Advanced Micro Devices ELANSC310 Datasheet HTML 40Page - Advanced Micro Devices ELANSC310 Datasheet HTML 41Page - Advanced Micro Devices ELANSC310 Datasheet HTML 42Page - Advanced Micro Devices ELANSC310 Datasheet HTML 43Page - Advanced Micro Devices ELANSC310 Datasheet HTML 44Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 119 page
background image
40
Élan™SC310 Microcontroller Data Sheet
PREL IMINARY
Notes:
1. Asymmetrical addressing applies to configurations using DRAMs with 512K x 8 and 1M x 16 organizations.
Page mode DRAM using two banks of 1 Mbyte x 16 DRAMS is not supported. Use Enhanced Page mode for two bank configu-
ration. See Table 16 for the physical organization of the DRAM devices supported.
Bit 0 of the Memory Configuration 1 Register, Index 66h, must be cleared for normal (non-enhanced) page mode.
Notes:
1. Bit 4 of Version Register, Index 64h must be set for 2-Mbyte Enhanced Page mode only. Also, bit 0 of Memory Configuration 1
Register, Index 66h, must be a 1.
2. When 16-Mbit asymmetric DRAMs are used in a two-bank configuration (4 Mbyte), bits 1 and 0 of the Memory Configuration 1
Register, Index 66h, must be set for Enhanced Page mode.
See Table 11 for a description of the physical organization of the DRAM devices supported.
Bit 0 of the Memory Configuration 1 Register, Index 66h, must be set to enable Enhanced Page mode. Bit 1 of the Memory
Configuration 1 Register, Index 66h, must be set for DRAM. If set for SRAM, bits 0 and 1 control wait states.
Table 15.
DRAM Address Translation (Page Mode)
Index
B4h
Index
66h
Index
B1h
DRAM
DRAM Address
Bit
7
Bits
4 3 2
Bits
7 6
Size
(Byte)
Bank 0
(Byte)
Bank 1
(Byte)
RAS
CAS
MA11MA10 MA9 MA8 MA7 MA6 MA5 MA4 MA3 MA2 MA1 MA0
0
0 0 11
x x
1M
1M
RAS
CAS
A19
A18
A9
A17
A8
A16
A7
A15
A6
A14
A5
A13
A4
A12
A3
A11
A2
A10
A1
0
0 1 01
x x
2M1M1M
RAS
CAS
A19
A18
A9
A17
A8
A16
A7
A15
A6
A14
A5
A13
A4
A12
A3
A11
A2
A10
A1
0
0 1 1
x x
2M
2M
RAS
CAS
A19
A10
A18
A9
A17
A8
A16
A7
A15
A6
A14
A5
A13
A4
A12
A3
A11
A2
A20
A1
0
1 0 0
x x
4M2M2M
RAS
CAS
A19
A10
A18
A9
A17
A8
A16
A7
A15
A6
A14
A5
A13
A4
A12
A3
A11
A2
A20
A1
0
1 0 1
x x
8M
8M
RAS
CAS
A22
A11
A19
A10
A18
A9
A17
A8
A16
A7
A15
A6
A14
A5
A13
A4
A12
A3
A21
A2
A20
A1
0
1 1 0
x x
16M
8M
8M
RAS
CAS
A22
A11
A19
A10
A18
A9
A17
A8
A16
A7
A15
A6
A14
A5
A13
A4
A12
A3
A21
A2
A20
A1
1
x x x
0 0
512K
512K
RAS
CAS
A18
A9
A17
A8
A16
A7
A15
A6
A14
A5
A13
A4
A12
A3
A11
A2
A10
A1
1
x x x
0 1
1M
512K
512K
RAS
CAS
A18
A9
A17
A8
A16
A7
A15
A6
A14
A5
A13
A4
A12
A3
A11
A2
A10
A1
1x x x1
1 0
2M
2M
RAS
CAS
A20
A9
A19
A18
A17
A8
A16
A7
A15
A6
A14
A5
A13
A4
A12
A3
A11
A2
A10
A1
Table 16.
DRAM Address Translation (Enhanced Page Mode)
Index
B4h
Index
66h
Index
B1h
DRAM
DRAM Address
Bit
7
Bits
4 3 2
Bits
7 6
Size
(Byte)
Bank 0
(Byte)
Bank 1
(Byte)
RAS
CAS
MA11MA10 MA9 MA8 MA7 MA6 MA5 MA4 MA3 MA2 MA1 MA0
0
0 1 01
x x
2M1M1M
RAS
CAS
A19
A18
A9
A17
A8
A16
A7
A15
A6
A14
A5
A13
A4
A12
A3
A11
A2
A20
A1
0
1 0 0
x x
4M2M2M
RAS
CAS
A19
A10
A18
A9
A17
A8
A16
A7
A15
A6
A14
A5
A13
A4
A12
A3
A21
A2
A20
A1
0
1 1 0
x x
16M
8M
8M
RAS
CAS
A22
A11
A19
A10
A18
A9
A17
A8
A16
A7
A15
A6
A14
A5
A13
A4
A23
A3
A21
A2
A20
A1
1
x x x
0 1
1M
512K
512K
RAS
CAS
A18
A9
A17
A8
A16
A7
A15
A6
A14
A5
A13
A4
A12
A3
A11
A2
A19
A1
1
x x x2
1 14M2M2M
RAS
CAS
A20
A21
A19
A18
A17
A8
A16
A7
A15
A6
A14
A5
A13
A4
A12
A3
A11
A2
A10
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com