Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 31 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 31 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 27Page - Advanced Micro Devices ELANSC310 Datasheet HTML 28Page - Advanced Micro Devices ELANSC310 Datasheet HTML 29Page - Advanced Micro Devices ELANSC310 Datasheet HTML 30Page - Advanced Micro Devices ELANSC310 Datasheet HTML 31Page - Advanced Micro Devices ELANSC310 Datasheet HTML 32Page - Advanced Micro Devices ELANSC310 Datasheet HTML 33Page - Advanced Micro Devices ELANSC310 Datasheet HTML 34Page - Advanced Micro Devices ELANSC310 Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 119 page
background image
Élan™SC310 Microcontroller Data Sheet
31
PREL IMINARY
SYSTEM INTERFACE
AEN [TDI]
DMA Address Enable (Output; Active High)
AEN is used to indicate that the current address active
on the SA23–SA0 address bus is a memory address
and that the current cycle is a DMA cycle. All I/O de-
vices should use this signal in decoding their I/O ad-
dresses and should not respond when this signal is
asserted. When AEN is asserted, the DACKx signals
are used to select the appropriate I/O device for the
DMA transfer.
This is a dual-function pin. When the JTAGEN signal is
asserted, it functions as the TDI, JTAG Test Data Input
pin.
D15–D0
System Data Bus (Bidirectional; Active High)
The System Data Bus inputs data during memory and
I/O read cycles, and outputs data during memory and
I/O write cycles. During Local Bus and DRAM/SRAM
cycles, this bus represents the CPU data bus.
DACK2 [TCK]
DMA Channel 2 Acknowledge (Output; Active Low)
This output indicates that the current transfer is a DMA
transfer to the I/O device connected to this DMA chan-
nel. In PC-compatible system designs, this signal can
be connected to the floppy disk controller DMA ac-
knowledge input.
This is a dual-function pin. When the JTAGEN signal is
asserted, it functions as the TCK (JTAG Test Clock)
pin. See “JTAG Boundary Scan Interface” on page 37
for more information on the function of this pin during
Test mode.
DBUFOE
Data Buffer Output Enable (Output; Active Low)
This output is used to control the output enable on the
system data bus buffer. When Low, the outputs of the
Data Bus Buffer are enabled.
DRQ2 [TDO]
DMA Channel 2 Request (Input; Active High
with Internal Pulldown)
This input is used to request a DMA transfer. It can be
connected to the floppy disk controller DMA request
output in PC-compatible system designs.
This is a dual-function pin. When the JTAGEN signal is
asserted, it will function as the TDO, JTAG Test Data
Out pin. See the “JTAG Boundary Scan Interface” on
page 37 for more information on the function of this pin
during Test mode.
ENDIRH
High Byte Data Buffer Direction Control
(Output; Active High)
This output controls the transceiver on the high byte of
the data bus, bits 15–8. When asserted, this signal is
used to enable the data from the ÉlanSC310 microcon-
troller data bus to the buffered data bus.
ENDIRL
Low Byte Data Buffer Direction Control
(Output; Active High)
This output controls the transceiver on the low byte of
the data bus, bits 7–0. When asserted, this signal is
used to enable the data from the ÉlanSC310 microcon-
troller data bus to the buffered data bus.
IOCHRDY
I/O Channel Ready (Input; Active High)
This signal is used by ISA slave devices to add wait
states to the current transfer. When this signal is deas-
serted, wait states are added.
IOCS16
(Input; Active Low)
This input is used to signal to the ISA control logic that
the targeted I/O device is a 16-bit device.
IOCS16
is generated by a 16-bit ISA I/O expansion
board when the board recognizes it is being ad-
dressed. IOCS16 provides the same function for 16-bit
I/O expansion devices as the MCS16 signal provides for
16-bit memory devices.
Note: IOCS16 is internally ORed with MCS16. Do not
tie IOCS16 Low.
For more information about the IOCS16 pin, see the
Using 16-Bit ROMCS Designs in ÉlanTMSC300 and
ÉlanSC310 Microcontrollers Application Note, order
#21825.
IOR
I/O Read Command (Output; Active Low)
The IOR signal indicates that the current cycle is a read
of the currently selected I/O device. When this signal is
asserted, the selected I/O device can drive data onto
the data bus.
IOW
I/O Write Command (Output; Active Low)
The IOW signal indicates that the current cycle is a
write of the currently selected I/O device. When this
signal is asserted, the selected I/O device can latch
data from the data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com