Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 60 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 60 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 56Page - Advanced Micro Devices ELANSC310 Datasheet HTML 57Page - Advanced Micro Devices ELANSC310 Datasheet HTML 58Page - Advanced Micro Devices ELANSC310 Datasheet HTML 59Page - Advanced Micro Devices ELANSC310 Datasheet HTML 60Page - Advanced Micro Devices ELANSC310 Datasheet HTML 61Page - Advanced Micro Devices ELANSC310 Datasheet HTML 62Page - Advanced Micro Devices ELANSC310 Datasheet HTML 63Page - Advanced Micro Devices ELANSC310 Datasheet HTML 64Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 119 page
background image
60
Élan™SC310 Microcontroller Data Sheet
PREL IMINARY
Maximum ISA Interface versus Local Bus Interface
The maximum ISA interface alternate functions are configured via the DTR and RTS pin states when the ÉlanSC310
microcontroller is reset.
Notes:
See Table 25 on page 56 for information on required termination for Maximum ISA Bus and Local Bus modes.
Table 27.
Pins Shared Between Maximum ISA Bus and Local Bus Interface Functions
ISA Interface Pin Name
Pin Type
ISA Interface Pin Description/Notes
Local Bus Mode Function
Pin Name
Pin No.
BALE
O
ISA Bus Address Latch Enable
A12
145
DRQ0
I
DMA Channel 0 Request
D/C
171
DRQ3
I
DMA Channel 3 Request
M/IO
170
DRQ6
I
DMA Channel 6 Request
LRDY
166
DRQ7
I
DMA Channel 7 Request
W/R
169
DACK0
O
DMA Channel 0 Acknowledge
A16
158
DACK3
O
DMA Channel 3 Acknowledge
A15
159
DACK6
O
DMA Channel 6 Acknowledge
A13
161
DACK7
O
DMA Channel 7 Acknowledge
A14
160
IRQ5
I
Interrupt Request input
PULLDN
178
IRQ7
I
Interrupt Request input
PULLUP
164
IRQ9
I
Interrupt Request input
BHE
168
IRQ10
I
Interrupt Request input
PULLUP
179
IRQ11
I
Interrupt Request input
BLE
167
LA23–LA17
O
ISA Non-Latched Address Bus
A23–A17
149–155
LMEG
O
ISA Memory Address Decode Below 1
Mbyte
CPURDY
147
0WS
I
Zero Wait State
ADS
172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com