Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 10Page - Advanced Micro Devices ELANSC310 Datasheet HTML 11Page - Advanced Micro Devices ELANSC310 Datasheet HTML 12Page - Advanced Micro Devices ELANSC310 Datasheet HTML 13Page - Advanced Micro Devices ELANSC310 Datasheet HTML 14Page - Advanced Micro Devices ELANSC310 Datasheet HTML 15Page - Advanced Micro Devices ELANSC310 Datasheet HTML 16Page - Advanced Micro Devices ELANSC310 Datasheet HTML 17Page - Advanced Micro Devices ELANSC310 Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 119 page
background image
14
Élan™SC310 Microcontroller Data Sheet
PREL IMINARY
Pin No.
Signal Name
(Alternate Functions)
Pin No.
Signal Name
(Alternate Functions)
Pin No.
Signal Name
(Alternate Functions)
130
RSVD
157
GND
184
PMC4
131
RSVD
158
A16 (DACK0)
185
PMC3
132
RSVD
159
A15 (DACK3)
186
PGP3
133
RSVD
160
A14 (DACK7)
187
PGP2
134
RSVD
161
A13 (DACK6)
188
PGP1
135
VCC
162
CPUCLK (PULLUP)
189
PGP0
136
RSVD
163
CPURST (RSVD)
190
LPH
137
PMC0
164
PULLUP (IRQ7)
191
GND
138
PMC1
165
RSVD (PULLUP)
192
IOCHRDY
139
SPKR
166
LRDY (DRQ6)
193
PIRQ1(IRQ6)
140
IORESET
167
BLE (IRQ11)
194
PIRQ0 (IRQ3)
141
RESIN
168
BHE (IRQ9)
195
IRQ1
142
VSYS2
169
W/R (DRQ7)
196
IOCS16
143
SBHE
170
M/IO (DRQ3)
197
MCS16
144
DACK5
171
D/C (DRQ0)
198
IRQ14
145
A12(BALE)
172
ADS (0WS)
199
JTAGEN
146
DACK1 (DACK1)
173
IRQ4
200
X1OUT [BAUD_OUT]
147
CPURDY (LMEG)
174
DRQ1
201
X32IN
148
LDEV (RSVD)
175
DRQ5
202
X32OUT
149
A23 (LA23)
176
VCC1
203
AVCC
150
A22 (LA22)
177
IOCHCHK
204
LF1
151
A21 (LA21)
178
PULLDN (IRQ5)
205
LF2
152
A20 (LA20)
179
PULLUP (IRQ10)
206
LF3
153
A19 (LA19)
180
VCC
207
LF4
154
A18 (LA18)
181
IRQ12
208
AGND
155
A17 (LA17)
182
IRQ15
-
-
156
GND
183
PULLUP
-
-
PIN DESIGNATIONS (SORTED BY PIN NUMBER) (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com