Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 68 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 68 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 64Page - Advanced Micro Devices ELANSC310 Datasheet HTML 65Page - Advanced Micro Devices ELANSC310 Datasheet HTML 66Page - Advanced Micro Devices ELANSC310 Datasheet HTML 67Page - Advanced Micro Devices ELANSC310 Datasheet HTML 68Page - Advanced Micro Devices ELANSC310 Datasheet HTML 69Page - Advanced Micro Devices ELANSC310 Datasheet HTML 70Page - Advanced Micro Devices ELANSC310 Datasheet HTML 71Page - Advanced Micro Devices ELANSC310 Datasheet HTML 72Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 119 page
background image
68
Élan™SC310 Microcontroller Data Sheet
PREL IMINARY
21
MA1
130
output
24
MA0
131
output
25
D15
132
bidir
26
D14
133
bidir
27
D13
134
bidir
28
D12
135
bidir
29
D11
136
bidir
30
D10
137
bidir
31
D9
138
bidir
32
D8
139
bidir
34
D7
140
bidir
36
D6
141
bidir
37
D5
142
bidir
38
D4
143
bidir
39
D3
144
bidir
40
D2
145
bidir
41
D1
146
bidir
42
D0
147
bidir
43
DOSCS
148
output
44
ROMCS
149
output
45
SYSCLK
150
bidir
46
DACK2
*
This pin becomes TCK when JTAGEN is High.
47
AEN
*
This pin becomes TDI when JTAGEN is High.
49
TC
*
This pin becomes TMS when JTAGEN is High.
50
ENDIRL
151
output
51
ENDIRH
152
output
*
*
153
control
Control cell for pins 54–103
54
IOR
154
output
55
IOW
155
output
56
MEMR
156
output
57
MEMW
157
output
58
RSTDRV
158
output
59
DBUFOE
159
output
60
SA12
160
output
61
SA11
161
output
62
SA10
162
output
63
SA9
163
output
64
SA8
164
output
66
SA7
165
output
67
SA6
166
output
69
SA5
167
output
70
SA4
168
output
71
SA3
169
output
Table 35.
Boundary Scan (JTAG) Cells—Order and Type (Continued)
Pin No.
Name
Cell
Position
Cell Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com