Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 21Page - Advanced Micro Devices ELANSC310 Datasheet HTML 22Page - Advanced Micro Devices ELANSC310 Datasheet HTML 23Page - Advanced Micro Devices ELANSC310 Datasheet HTML 24Page - Advanced Micro Devices ELANSC310 Datasheet HTML 25Page - Advanced Micro Devices ELANSC310 Datasheet HTML 26Page - Advanced Micro Devices ELANSC310 Datasheet HTML 27Page - Advanced Micro Devices ELANSC310 Datasheet HTML 28Page - Advanced Micro Devices ELANSC310 Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 119 page
background image
Élan™SC310 Microcontroller Data Sheet
25
PREL IMINARY
Notes:
1. These outputs function as open-drain outputs in Normal Parallel Port mode, and function as CMOS drivers when the EPP-
MODE configuration bit is set.
2. The parallel port interface BUSY input must have an external pullup if the parallel port is to be used in EPP mode. If this pullup
is not present, accesses to the parallel port in EPP mode will lock up the system.
All inputs that have VCC clamp = 5 V are 5-V safe inputs regardless of their VCCIO.
Notes:
1. These pins are terminated externally per bus option selection.
All inputs that have VCC clamp = 5 V are 5-V safe inputs regardless of their VCCIO.
Table 5.
Parallel Port Interface
Signal Name
Pin No.
I/O
Type
Term
Drive
Type
Clock
Off
Reset State
(volts)
VCCIO
VCC
Clamp
Spec.
Load
(pF)
Local
Bus
Max
ISA
AFDT [X14OUT]1
80
O
—D
Last
state
5.0
5.0
VCC5
VCC5
100
INIT1
89
O
—
D
Last
state
0.0
0.0
VCC5
VCC5
100
STRB1
83
O
—
D
Last
state
5.0
5.0
VCC5
VCC5
100
SLCTIN1
84
O
—
D
Last
state
5.0
5.0
VCC5
VCC5
100
ACK
88
I
—
—
—
5.0
5.0
VCC5
VCC5
—
BUSY2
85
I
—
—
—
5.0
5.0
VCC5
VCC5
—
ERROR
86
I
—
—
—
5.0
5.0
VCC5
VCC5
—
PE
82
I
—
—
—
5.0
5.0
VCC5
VCC5
—
SLCT
87
I
—
—
—
5.0
5.0
VCC5
VCC5
—
PPDWE [PPDCS]
90
O
—
B
1(1)
5.0
5.0
VCC5
VCC5
30
PPOEN
91
O
—
B
1(1)
0.0
0.0
VCC5
VCC5
30
Table 6.
Serial Port Interface
Signal Name
Pin No.
I/O
Type
Term
Drive
Type
Clock
Off
Reset State
(volts)
VCCIO
VCC
Clamp
Spec.
Load
(pF)
Local
Bus
Max
ISA
DTR/CFG11
92
O
—
A
Last state
5.0
0
VCC5
VCC5
50
RTS/CFG01
93
O
—
A
Last state
0.0
5.0
VCC5
VCC5
50
SOUT
94
O
—
A
Last state
0.0
5.0
VCC5
VCC5
50
CTS
96
I
PU
—
—
5.0
5.0
VCC5
VCC5
—
DCD
98
I
PU
—
—
5.0
5.0
VCC5
VCC5
—
DSR
97
I
PU
—
—
5.0
5.0
VCC5
VCC5
—
RIN
100
I
PU
—
—
5.0
5.0
VCC5
VCC5
—
SIN
99
I
PU
—
—
5.0
5.0
VCC5
VCC5
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com