Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 85 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 85 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 81Page - Advanced Micro Devices ELANSC310 Datasheet HTML 82Page - Advanced Micro Devices ELANSC310 Datasheet HTML 83Page - Advanced Micro Devices ELANSC310 Datasheet HTML 84Page - Advanced Micro Devices ELANSC310 Datasheet HTML 85Page - Advanced Micro Devices ELANSC310 Datasheet HTML 86Page - Advanced Micro Devices ELANSC310 Datasheet HTML 87Page - Advanced Micro Devices ELANSC310 Datasheet HTML 88Page - Advanced Micro Devices ELANSC310 Datasheet HTML 89Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 119 page
background image
Élan™SC310 Microcontroller Data Sheet
85
PREL IMINARY
frequency. It is therefore required that the load capaci-
tance in the oscillator circuit is duplicated as closely as
possible to the manufacturer’s load capacitance speci-
fication.
The crystal load capacitance in the circuit consists of
the capacitor network C
O, CSTRAY, CD, and CG. This net-
work reduces to (C
O + CSTRAY) in parallel with the series
combination of C
D and CG. Therefore, the desired se-
ries combination of C
D and CG is equal to CL – (CO +
CSTRAY), where CL is the crystal manufacturer’s load ca-
pacitance specification.
C
STRAY is typically difficult to determine. Some value
can be assumed and experimentation will determine
the optimal value for CD and CG. In determining the ex-
ternal component values to provide the optimal operat-
ing frequency, there are some recommended limits to
ensure a reasonable start-up time for the oscillator cir-
cuit. These limits are shown in Table 43.
The series combination of CD and CG =
C
(
D
C
G
×)
C
D
C
G )
+
(
---------------------------
Table 43.
Recommended Oscillator Component
Value Limits
Minimum
Maximum
RF
14 M
Ω
18 M
Ω
RB
0
Ω
10 k
Ω
CD
10 pF
30 pF
CG
10 pF
30 pF
ÉlanSC310 Microcontroller
X32IN (201)
X32OUT (202)
RF
RB
L1
C1
R1
CO
CD
CG
A
B
XTAL
CSTRAY
AB
Notes:
For board layout suggestions, refer to the ÉlanSC310 Microcontroller Evaluation Board User’s Manual available in PDF format
on the AMD web site.
Figure 29.
X32 Oscillator Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com