Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 52 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 52 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 48Page - Advanced Micro Devices ELANSC310 Datasheet HTML 49Page - Advanced Micro Devices ELANSC310 Datasheet HTML 50Page - Advanced Micro Devices ELANSC310 Datasheet HTML 51Page - Advanced Micro Devices ELANSC310 Datasheet HTML 52Page - Advanced Micro Devices ELANSC310 Datasheet HTML 53Page - Advanced Micro Devices ELANSC310 Datasheet HTML 54Page - Advanced Micro Devices ELANSC310 Datasheet HTML 55Page - Advanced Micro Devices ELANSC310 Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 119 page
background image
52
Élan™SC310 Microcontroller Data Sheet
PREL IMINARY
data onto the parallel port data bus, as shown in
Figure 5.
When the ÉlanSC310 microcontroller parallel port is
configured for Bidirectional mode operation, the
PPDWE pin is reconfigured via firmware to function as
the Parallel Port Data Register address decode
(PPDCS). The PPOEN output from the ÉlanSC310 mi-
crocontroller is controlled via the Parallel Port Control
Register Bit 5. This signal is then used to control the
output enable of the external parallel port data latch. By
setting this bit, the parallel port data latch is disabled,
and then data can be transferred from an external par-
allel port device into the ÉlanSC310 microcontroller
through an external 244 type buffer. A typical bidirec-
tional Parallel Port Data Bus implementation is shown
in Figure 6 on page 53.
If the VCC5 supply pins are connected to a 5-V power
supply, then the Parallel Port control signals will be
driven by 5-V outputs and can be connected directly to
the parallel port connector. If VCC5 is connected to
3.3 V, the parallel port control signals should be trans-
lated to 5 V.
The ÉlanSC310 CPU also supports Enhanced Parallel
Port (EPP) mode. The EPP mode pins are defined in
Table 24.
In Normal mode, the outputs shown in Table 24 func-
tion as open-collector or open-drain outputs. In EPP
mode, these outputs must function as standard CMOS
outputs that are driven High and Low. Figure 6 shows
the design that should be used to support EPP mode.
Figure 5.
ÉlanSC310 Microcontroller
Unidirectional Parallel Port Data Bus
Implementation
374 Octal D Flip Flop
SD7–SD0
PPDWE
Parallel Port
Data Bus
CLK
OE
DQ
Table 24.
Parallel Port EPP Mode Pin Definition
Normal
Mode
EPP
Mode
Description
STRB
WRITE
EPP write signal. This signal is
driven active during writes to
the EPP data or address regis-
ter.
AFDT
DSTRB
EPP data strobe. This signal is
driven active during reads or
writes to the EPP data register.
SLCTIN
ASTRB
EPP address strobe. This sig-
nal is driven active during
reads or writes to the EPP ad-
dress register.
ACK
INTR
EPP interrupt. This signal is an
input used by the EPP device
to request service.
BUSY
WAIT
EPP wait. This signal is used to
add wait states to the current
cycle. It is similar to the ISA IO-
CHRDY signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com