Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 48 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 48 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 44Page - Advanced Micro Devices ELANSC310 Datasheet HTML 45Page - Advanced Micro Devices ELANSC310 Datasheet HTML 46Page - Advanced Micro Devices ELANSC310 Datasheet HTML 47Page - Advanced Micro Devices ELANSC310 Datasheet HTML 48Page - Advanced Micro Devices ELANSC310 Datasheet HTML 49Page - Advanced Micro Devices ELANSC310 Datasheet HTML 50Page - Advanced Micro Devices ELANSC310 Datasheet HTML 51Page - Advanced Micro Devices ELANSC310 Datasheet HTML 52Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 119 page
background image
48
Élan™SC310 Microcontroller Data Sheet
PREL IMINARY
The ÉlanSC300 microcontroller samples the two reset
inputs (RESIN and IORESET) to logically determine
what state the power pins are in; and, in turn, controls
the internal pull-down resistors. Note that in Micro
Power Off mode, the IORESET input should be termi-
nated with a pull-down resistor if not driven Low by an
external device (see Table 23 on page 50 for more in-
formation about internal I/O pull-down states).
Micro Power Off DRAM Refresh
Refresh can be either enabled or disabled during Micro
Power Off mode, and the VMEM power can be option-
ally removed, provided that either the memory is also
powered off or all DRAM interface signals are kept at
0 V. See the timing diagrams in Figure 34 and Figure
35 on page 88 for more information.
The system designer has the option to keep the system
DRAM powered up and refreshed while the ÉlanSC310
microcontroller is in the micro power state. A configura-
tion bit, the Micro Power Refresh Enabled bit, exists in
the PMU section of the core logic to realize this feature.
This is bit 2 of the Miscellaneous 3 Register at Index
BAh. If this bit is cleared (default), the core logic asso-
ciated with the DRAM refresh will be disabled when the
ÉlanSC310 microcontroller is in the Micro Power state.
If the bit is set, the core logic associated with the DRAM
refresh will be enabled and functional while the
ÉlanSC310 microcontroller is in its Micro Power state.
The type of Micro Power DRAM refresh performed
(CAS-before-RAS refresh, or self refresh) will be the
same as that for which the part was configured before
the IORESET pin sampled Low. If the micro power re-
fresh feature is enabled for CAS-before-RAS refresh,
the system designer should maintain power on the
VMEM power pin of the ÉlanSC310 microcontroller
and not remove power from the DRAM devices. If the
micro power refresh feature is enabled for self refresh,
the system designer may or may not be required to
maintain power on the VMEM power pin of the
ÉlanSC310 microcontroller, depending on the specific
requirement of the DRAM device in Self-Refresh mode.
Power should not be removed from the DRAM device
itself in either case.
IN
BUF
Level
Translator and
Pre-Driver
Level
Translator and
Pre-Driver
I/O
PAD
Pull-Up
Resistor
VCCIO
VCC CLAMP
Core Logic
I/O Driver
Pins
To Core Logic
VCC Core
Force Term
Pull-Down
Resistor
Data Out
Output Enable
Where: VCCIO = VCC5, VMEM, VSYS, VSYS2, AVCC, or VCC1
VCC CLAMP = VCC5, VMEM, or AVCC
Figure 4.
ÉlanSC310 Microcontroller I/O Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com