Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 70 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 70 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 66Page - Advanced Micro Devices ELANSC310 Datasheet HTML 67Page - Advanced Micro Devices ELANSC310 Datasheet HTML 68Page - Advanced Micro Devices ELANSC310 Datasheet HTML 69Page - Advanced Micro Devices ELANSC310 Datasheet HTML 70Page - Advanced Micro Devices ELANSC310 Datasheet HTML 71Page - Advanced Micro Devices ELANSC310 Datasheet HTML 72Page - Advanced Micro Devices ELANSC310 Datasheet HTML 73Page - Advanced Micro Devices ELANSC310 Datasheet HTML 74Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 119 page
background image
70
Élan™SC310 Microcontroller Data Sheet
PREL IMINARY
ABSOLUTE MAXIMUM RATINGS
Storage Temperature ....................... –65
°C to +150°C
Ambient Temperature Under Bias ... –65
°C to +125°C
Supply Voltage VCC with
Respect to VSS ................................–0.5 V to +7 V
Voltage on Other Pins...............–0.5 V to (VCC+0.5 V)
Stresses above those listed may cause permanent device failure. Functionality at or above these limits is not implied. Exposure
to Absolute Maximum Ratings for extended periods may affect device reliability.
OPERATING RANGES
Operating ranges define those limits between which the functionality of the device is guaranteed.
Table 37.
DC Characteristics over Commercial and Industrial Operating Ranges
(Plastic Shrink Quad Flat Pack (QFP), 33 MHz, 3.3 V)
VCCIO = 3.0 V – 3.6 V; TAMBIENT = 0°C to +70°C (commercial); TCASE = -40° to +85°C (industrial)
Notes:
1. Current out of a pin is given as a negative value.
2. VCC, VCC1, AVCC = 3.3 V and VCC5, VCCSYS, VCCSYS2 = 5.0 V.
3. Fc = 1 MHz.
Symbol
Parameter Description
Preliminary
Unit
Min
Typ
Max
fosc
Frequency of Operation (internal CPU clock)
0
33
MHz
PCC
(2)
Supply Power—CPU clock = 33 MHz (VCCMEM=3.3 V)
582
778
mW
PCCSS
(2)
Suspend Power—CPU idle, all internal clocks stopped except
32.768 kHz
0.12
mW
VOH(CMOS)
Output High Voltage
IOH(CMOS) = –0.5 mA VCC– 0.45
V
VOL(CMOS)
Output Low Voltage
IOL(CMOS) = 0.5 mA
0.45
V
VIH(CMOS)
Input High Voltage
2.0
VCC+0.3
V
VIL(CMOS)
Input Low Voltage
–0.3
+0.8
V
ILI
Input Leakage Current
(0.1 V
≤V
OUT≤ VCC)
(all pins except those with internal pull-up/pull-down resistors)
±10
µA
IIH
Input Leakage Current
VIH = VCC – 0.1 V
(all pins with internal pull-down resistors)
60
µA
IIL
Input Leakage Current
VIL = 0.1 V
(pins with internal pull-up resistors)
–60
µA
ILO
Output Leakage Current
(0.1 V
≤V
OUT≤ VCC)
±15
µA
Cin
(3)
I/O Capacitance
15
pF
AVCCRP–P
Analog VCC ripple peak to peak
100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com