Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 87 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 87 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 83Page - Advanced Micro Devices ELANSC310 Datasheet HTML 84Page - Advanced Micro Devices ELANSC310 Datasheet HTML 85Page - Advanced Micro Devices ELANSC310 Datasheet HTML 86Page - Advanced Micro Devices ELANSC310 Datasheet HTML 87Page - Advanced Micro Devices ELANSC310 Datasheet HTML 88Page - Advanced Micro Devices ELANSC310 Datasheet HTML 89Page - Advanced Micro Devices ELANSC310 Datasheet HTML 90Page - Advanced Micro Devices ELANSC310 Datasheet HTML 91Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 119 page
background image
Élan™SC310 Microcontroller Data Sheet
87
PREL IMINARY
AC SWITCHING CHARACTERISTICS AND WAVEFORMS
The AC specifications provided in the AC characteris-
tics tables that follow consist of output delays, input
setup requirements, and input hold requirements. Fig-
ure 31 provides a key to the switching waveforms.
AC specifications measurement is defined by the fig-
ures that follow each timing table.
Output delays are specified with minimum and maxi-
mum limits, measured as shown. The minimum delay
times are hold times provided to external circuitry.
Input setup and hold times are specified as minimums,
defining the smallest acceptable sampling window.
Within the sampling window, a synchronous input sig-
nal must be stable for correct microcontroller operation.
Figure 31.
Key to Switching Waveforms
AC Switching Test Waveforms
Notes:
For AC testing, inputs are driven at 3 V for a logic 1 and 0 V for a logic 0.
WAVEFORMS
INPUTS
OUTPUTS
Must be Steady
Will be Steady
May Change from H to L
Will be Changing from H to L
May Change from L to H
Will be Changing from L to H
Don’t Care, Any Change Permitted
Changing, State Unknown
Does Not Apply
Center Line is High-Impedance “Off” State
VCC
÷ 2
VCC
÷ 2
VIH = VCC
Input
VIL = 0
Test Points
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com