Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 65 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 65 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 61Page - Advanced Micro Devices ELANSC310 Datasheet HTML 62Page - Advanced Micro Devices ELANSC310 Datasheet HTML 63Page - Advanced Micro Devices ELANSC310 Datasheet HTML 64Page - Advanced Micro Devices ELANSC310 Datasheet HTML 65Page - Advanced Micro Devices ELANSC310 Datasheet HTML 66Page - Advanced Micro Devices ELANSC310 Datasheet HTML 67Page - Advanced Micro Devices ELANSC310 Datasheet HTML 68Page - Advanced Micro Devices ELANSC310 Datasheet HTML 69Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 119 page
background image
Élan™SC310 Microcontroller Data Sheet
65
PREL IMINARY
Table 35.
Boundary Scan (JTAG) Cells—Order and Type
Pin No.
Name
Cell
Position
Cell Type
Notes
77
PMC2
1
output
78
RC
2
input
79
A20GATE
3
input
80
AFDT
4output
82
PE
5
input
83
STRB
6output
84
SLCTIN
7output
85
BUSY
8
input
86
ERROR
9
input
87
SLCT
10
input
88
ACK
11
input
89
INIT
12
output
90
PPDWE
13
bidir
91
PPOEN
14
bidir
92
DTR
15
bidir
93
RTS
16
bidir
94
SOUT
17
bidir
96
CTS
18
input
97
DSR
19
input
98
DCD
20
input
99
SIN
21
input
100
RIN
22
input
101
ACIN
23
input
102
EXTSMI
24
input
103
SUS/RES
25
input
*
*
26
control
Control cell for pins 106–155
106
BL1
27
input
107
BL2
28
input
108
BL3
29
input
109
BL4
30
input
110
PULLUP
31
input
111
PULLUP
32
input
112
PULLUP
33
input
113
PULLUP
34
input
114
PULLUP
35
input
115
PULLUP
36
input
116
PULLUP
37
input
117
PULLUP
38
input
118
PULLUP
39
input
119
PULLUP
40
input
120
PULLUP
41
input
122
RSVD
42
output
123
RSVD
43
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com