Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 104 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 104 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 100Page - Advanced Micro Devices ELANSC310 Datasheet HTML 101Page - Advanced Micro Devices ELANSC310 Datasheet HTML 102Page - Advanced Micro Devices ELANSC310 Datasheet HTML 103Page - Advanced Micro Devices ELANSC310 Datasheet HTML 104Page - Advanced Micro Devices ELANSC310 Datasheet HTML 105Page - Advanced Micro Devices ELANSC310 Datasheet HTML 106Page - Advanced Micro Devices ELANSC310 Datasheet HTML 107Page - Advanced Micro Devices ELANSC310 Datasheet HTML 108Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 119 page
background image
104
Élan™SC310 Microcontroller Data Sheet
PREL IMINARY
Notes:
1. This is the timing when DOSCS is qualified with MEMR or MEMW, (Bit 4 of ROM Configuration 3 Register, Index B8h, = 0).
2. This is the timing when DOSCS is configured as an address decode, (Bit 4 of ROM Configuration 3 Register, Index B8h, = 1).
These timings are based on Index 51h, bit 1 set for 16-bit DOSCS cycles and required initial programming. The standard DOS
ROM timings are based on the default wait state setting in bits 2 and 3 of the MMM Memory Wait States Register, Index 62h, for
4 wait states.
The Fast DOS ROM timings are based on Index B8h, bit 7 set for DOSCS to run at high speed with the default settings in bits 5
and 6 for 4 wait states. These timings may be modified via the Command Delay Register, Index 60h. (See the ÉlanTMSC310
Microcontroller Programmer’s Reference Manual
, order #20665.)
For more information about fast DOS ROM cycles, see the ÉlanTMSC300 and ÉlanTMSC310 Devices’ ISA Bus Anomalies Appli-
cation Note
, order #20747.
Table 54.
DOS ROM and Fast DOS ROM Read/Write 16-Bit Cycles (See Figure 43)
Symbol
Parameter Description
Notes
Standard
DOS
Preliminary
Fast DOS
33 MHz
Preliminary
Fast DOS
25 MHz
Preliminary
Units
Min
Max
Min
Max
Min
Max
t1a
SA stable to DOSCS active
1
65
25
25
ns
t1b
SA stable to DOSCS active
2
5
5
8
ns
t2a
SA hold from DOSCS inactive (write)
1
50
15
20
ns
t2b
SA hold from DOSCS inactive (read)
1
0
0
0
ns
t3a
DOSCS pulse width (read)
1
550
130
250
ns
t3b
DOSCS pulse width (write)
1
500
100
175
ns
t4a
MEMW active to DOSCS active
1
3
3
3
ns
t4b
MEMR active to DOSCS active
1
4
4
4
ns
t5a
DOSCS hold from MEMW inactive
1
0
0
0
ns
t5b
DOSCS hold from MEMR inactive
1
0
0
0
ns
t6
RDDATA setup to command inactive
25
25
33
ns
t7
RDDATA hold from command inactive
0
0
0
ns
t8
WRDATA setup to command inactive
400
120
160
ns
t9
WRDATA hold from command inactive
45
15
20
ns
t10
DBUFOE active from command
5
5
0
ns
t11a
DBUFOE hold from MEMW
50
15
20
ns
t11b
DBUFOE hold from MEMR
–2
–2
0
ns
t12
ENDIRH, ENDIRL setup to MEMR
50
15
20
ns
t13
ENDIRH, ENDIRL hold from MEMR
–4
–4
–4
ns
t14
DOSCS active to command active
2
65
15
20
ns
t15
DOSCS hold from SA
25
5
5
ns
t16a
MEMR pulse width
550
130
250
ns
t16b
MEMW pulse width
500
100
175
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com