Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 106 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 106 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 102Page - Advanced Micro Devices ELANSC310 Datasheet HTML 103Page - Advanced Micro Devices ELANSC310 Datasheet HTML 104Page - Advanced Micro Devices ELANSC310 Datasheet HTML 105Page - Advanced Micro Devices ELANSC310 Datasheet HTML 106Page - Advanced Micro Devices ELANSC310 Datasheet HTML 107Page - Advanced Micro Devices ELANSC310 Datasheet HTML 108Page - Advanced Micro Devices ELANSC310 Datasheet HTML 109Page - Advanced Micro Devices ELANSC310 Datasheet HTML 110Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 119 page
background image
106
Élan™SC310 Microcontroller Data Sheet
PREL IMINARY
Notes:
These timings are based on default settings and required initial programming. These timings may be modified via the MMS
Memory Wait State1 Register, Index 62h, and the Command Delay Register, Index 60h. (See the ÉlanTMSC310 Microcontroller
Programmer’s Reference Manual
, order #20665.)
Table 55.
ISA Memory Read/Write 8-Bit Cycle (See Figure 44)
Symbol
Parameter Description
Notes
Preliminary
Units
Min
Max
t1
LA stable to BALE inactive
60
ns
t2
SA stable to command active
160
ns
t3
BALE pulse width
35
ns
t4
LA hold from BALE inactive
40
ns
t5a
SA hold from command inactive Write
50
ns
t5b
SA hold from command inactive Read
0
ns
t6
BALE inactive to command active
140
ns
t7a
MEMW command pulse width
500
ns
t7b
MEMR command pulse width
550
ns
t8a
MEMW active to IOCHRDY inactive
340
ns
t8b
MEMR active to IOCHRDY inactive
340
ns
t9a
MEMW hold from IOCHRDY active
110
ns
t9b
MEMR hold from IOCHRDY active
160
ns
t10
RDDATA setup to command inactive
40
ns
t11
RDDATA hold from command inactive
0
ns
t12
WRDATA setup to command inactive
300
ns
t13
WRDATA hold from command inactive
50
ns
t14
DBUFOE active from command
5
ns
t15a
DBUFOE hold from MEMW
50
ns
t15b
DBUFOE hold from MEMR
–2
ns
t16
ENDIRH, ENDIRL setup to MEMR
170
ns
t17
ENDIRH, ENDIRL hold from MEMR
–4
ns
t18
LA stable to SA stable
15
ns
t19
SA stable to BALE inactive
45
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com