Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELANSC310 Datasheet(PDF) 110 Page - Advanced Micro Devices

Part # ELANSC310
Description  Single-Chip, 32-Bit, PC/AT Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC310 Datasheet(HTML) 110 Page - Advanced Micro Devices

Back Button ELANSC310 Datasheet HTML 106Page - Advanced Micro Devices ELANSC310 Datasheet HTML 107Page - Advanced Micro Devices ELANSC310 Datasheet HTML 108Page - Advanced Micro Devices ELANSC310 Datasheet HTML 109Page - Advanced Micro Devices ELANSC310 Datasheet HTML 110Page - Advanced Micro Devices ELANSC310 Datasheet HTML 111Page - Advanced Micro Devices ELANSC310 Datasheet HTML 112Page - Advanced Micro Devices ELANSC310 Datasheet HTML 113Page - Advanced Micro Devices ELANSC310 Datasheet HTML 114Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 119 page
background image
110
Élan™SC310 Microcontroller Data Sheet
PREL IMINARY
Notes:
1. If the data bus is externally buffered and/or level translated, this write data hold time will be increased by the propagation
delay through the buffer and/or the output disable delay of the buffer.
These timings are based on default settings and required initial programming. These timings may be modified via the MMS
Memory Wait State 1 Register, Index 62h, and the Command Delay Register, Index 60h. (See the ÉlanTMSC310 Microcontroller
Programmer’s Reference Manual
, order #20665.)
Table 57.
ISA Memory Read/Write 0 Wait State Cycle (See Figure 46)
Symbol
Parameter Description
Notes
Preliminary
Units
Min
Max
t1
LA stable to BALE inactive
60
ns
t2
SA stable to command active
70
ns
t3
BALE pulse width
35
ns
t4
LA hold from BALE inactive
40
ns
t5a
SA hold from command inactive Write
0
ns
t5b
SA hold from command inactive Read
0
ns
t6
BALE inactive to command active
30
ns
t7
LA stable to MCS16 active
35
ns
t8
Command pulse width
100
ns
t9
Command active to 0WS active
0
20
ns
t10
0WS hold from command inactive
40
ns
t11
MCS16 hold from LA change
0
ns
t12
RDDATA setup to command inactive
25
ns
t13
RDDATA hold from command inactive
0
ns
t14
WRDATA setup to command inactive
100
ns
t15
WRDATA hold from command inactive
1
–1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com